Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS271CAC Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS271CAC
Description  CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271CAC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS271CAC Datasheet HTML 3Page - STMicroelectronics TS271CAC Datasheet HTML 4Page - STMicroelectronics TS271CAC Datasheet HTML 5Page - STMicroelectronics TS271CAC Datasheet HTML 6Page - STMicroelectronics TS271CAC Datasheet HTML 7Page - STMicroelectronics TS271CAC Datasheet HTML 8Page - STMicroelectronics TS271CAC Datasheet HTML 9Page - STMicroelectronics TS271CAC Datasheet HTML 10Page - STMicroelectronics TS271CAC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TS271C,I,M
7/15
Figure 6 : Open Loop Frequency Response and
Phase Shift
Figure 7 : Gain Bandwidth Product versus Supply
Voltage
Figure 8 : Phase Margin versus Supply Voltage
Figure 9 : Phase Margin versus Capacitive Load
Figure 10 : Slew Rate versus Supply Voltage
50
40
30
20
10
0
-1 0
6
10
10
23
10
4
10
5
10
0
45
90
13 5
18 0
F R E Q UE NC Y , f (Hz )
PH AS E
GA IN
Phase
Margin
Gain
Bandwidth
Product
T
= 25°C
V= 1 0 V
R= 1M
C
= 10 0pF
A= 1 0 0
am b
CC
L
L
VC L
+
0
4
8
12
16
SU PP L Y V O L T AG E, V
(V )
CC
120
100
80
60
40
am b
L
L
V
T
= 25°C
R= 1M
C = 1 00p F
A =1
10
0
48
12
16
SU PP L Y V O L T AG E, V
(V)
CC
8
4
2
am b
L
L
V
T
= 25°C
R= 1M
C = 1 00p F
A =1
6
40
30
20
10
L
C APA C IT A N C E, C
(p F )
20
0
80
10 0
60
40
am b
L
V
T
= 25°C
R= 1M
A =1
V= 1 0 V
CC
0.01
4
6
8
1 0
12
14
1 6
SU PPL Y V O L T A G E , V
(V )
CC
SR
SR
am b
L
L
T
= 25°C
R=
1M
C = 1 00p F
0.03
0.04
0.05
0.06
0.07
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com