Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS556I Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS556I
Description  LOW POWER DUAL CMOS TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS556I Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS556I Datasheet HTML 3Page - STMicroelectronics TS556I Datasheet HTML 4Page - STMicroelectronics TS556I Datasheet HTML 5Page - STMicroelectronics TS556I Datasheet HTML 6Page - STMicroelectronics TS556I Datasheet HTML 7Page - STMicroelectronics TS556I Datasheet HTML 8Page - STMicroelectronics TS556I Datasheet HTML 9Page - STMicroelectronics TS556I Datasheet HTML 10Page - STMicroelectronics TS556I Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS556
8/11
TYPICAL CHARACTERISTICS
Figure 1 : Supply Current (each timer) versus
Supply Voltage
APPLICATION INFORMATION
MONOSTABLE OPERATION
In the monostable mode,the timer operates like a
one-shot generator. Referring to figure 2, the ex-
ternal capacitor is initially held discharged by a
transistor inside the timer.
Figure 2 :
The circuit triggers on a negative-going input sig-
nal when the level reaches 1/3 VCC. Once trig-
gered, the circuit remains in this state until the set
time has elapsed, even if it is triggered again dur-
ing this interval. The duration of the output HIGH
state is given by t = 1.1 R x C.
It can be noticed that since the charge rate and the
threshold level of the comparator are both directly
proportional to the supply voltage, the timing inter-
val is independent of the supply. Applying a nega-
tive pulse simultaneously to the Reset terminal
(pin 4) and the Trigger terminal (pin 2) during the
timing cycle discharges the external capacitor and
causes the cycle to start over. The timing cycle
now starts on the positive edge of the reset pulse.
While the reset pulse is applied, the output is driv-
en to the LOW state.
When a negative trigger pulse is applied to pin 2,
the flip-flop is set, releasing the short circuit across
the external capacitor and driving the output
HIGH. The voltage across the capacitor increases
exponentially with the time constant
τ = R x C.
When the voltage across the capacitor equals 2/3
VCC, the comparator resets the flip-flop which then
discharges the capacitor rapidly and drives the
output to its LOW state.
Figure 3 shows the actual waveforms generated in
this mode of operation.
When Reset is not used, it should be tied high to
avoid any possible or false triggering.
Figure 3 :
CC
SUPPLY VOLTAGE, V
(V)
300
200
100
0
4
8
12
16
VCC
Reset
Trigger
Out
R
C
Control Voltage
0.01 F
µ
1/2
TS556
CAPACITOR VOLTAGE = 2.0V/div
µ
t = 0.1 ms / div
INPUT = 2.0V/div
OUTPUT VOLTAGE = 5.0V/div
R = 9.1k , C = 0.01 F , R = 1.0k
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com