Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1206C101 Datasheet(PDF) 2 Page - API Technologies Corp

Part # SA1206C101
Description  Surface Mount Filter Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SA1206C101 Datasheet(HTML) 2 Page - API Technologies Corp

  SA1206C101 Datasheet HTML 1Page - API Technologies Corp SA1206C101 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM9
Surface Mount Filter Arrays
SA Series
Length (L) Max.
PO.031 (0.8)
Top side
chip
GND
Copper foil pattern
.011 (0.3)
GND
.023 (0.6)
.102 (2.6)
GND
Copper foil pattern
GND
chip
Bottom side
Ground pattern
Ground pattern
Through hole
Through hole
Top side
Bottom side
.015 (0.4±0.2)
.125 (3.2±0.2)
.062 (1.6±0.2)
.031 (0.8±0.1)
.031 (0.8±0.2)
Dimensions
GND
GND
Equivalent Circuit
.027 (0.7±0.2)
PO.031 (0.8)
.011 (0.3)
.023 (0.6)
.102 (2.6)
Recommended Board Pattern
Dimensions in inches
(mm)
Chip
.078 (2.00±0.2)
.157
(4.0±0.1)
.078
(2.00±0.01)
ø .058 (1.5±0.1-0)
.137
(3.5±0.05)
.068
(1.75±0.1)
.042 (1.1) Max.
.054 (1.4) Max.
.157
(4.0±0.1)
SA Tape and Reel Packaging
Dimensions in inches
(mm)
Ordering Information
Temperature
Characteristics
C+/-30ppm/˚C
R+/-15%
U-750+/-120
ppm/˚C
Style
SASeries
Capacitance
Size
1206
Capacitance
tolerance
M=±20%
Packaging
T- Tapeandreel
4,000 pc/reel
B-Bulkpack
1,000 pcs/bag
22 pF
47 pF
100 pF
220 pF
470 pF
1,000 pF
2,200 pF
22,000 pF
Termination
N=NiBarrier
Solder Plated
RatedVoltage
(Vdc)
A=25
B=50
SA 1206 C
220
MB
N
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com