Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-S6708 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # STR-S6708
Description  OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S6708 Datasheet(HTML) 8 Page - Allegro MicroSystems

  STR-S6708 Datasheet HTML 1Page - Allegro MicroSystems STR-S6708 Datasheet HTML 2Page - Allegro MicroSystems STR-S6708 Datasheet HTML 3Page - Allegro MicroSystems STR-S6708 Datasheet HTML 4Page - Allegro MicroSystems STR-S6708 Datasheet HTML 5Page - Allegro MicroSystems STR-S6708 Datasheet HTML 6Page - Allegro MicroSystems STR-S6708 Datasheet HTML 7Page - Allegro MicroSystems STR-S6708 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
STR-S6707 THRU STR-S6709
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
POWER CONVERSION/POWER MANAGEMENT
SELECTION GUIDES
SWITCHING REGULATOR PMCMs
Part
Number*
ApplicationVI
Max PO
Power Switch
3002M
5 V Switching Regulator and a
7.0-33 V
–
–
500 mA
Bipolar
9 V Switching Regulator†
–
400 mA
Bipolar
3004M
5 V Switching Regulator and
7.0-33 V
–
–
500 mA
Bipolar
Dual 9 V Switching Regulator
–
2 x 400 mA
Bipolar
S5703
Quasi-Resonant Flyback Converter
110/120 V
140 W
500 V
6 A
Bipolar
S5707
Quasi-Resonant Flyback Converter
85-265 V
90 W
850 V
6 A
Bipolar
220/240V
140 W
S5708
Quasi-Resonant Flyback Converter
85-265 V
120 W
850 V
7.5 A
Bipolar
220/240 V
180 W
S6703
Quasi-Resonant Flyback Converter
110/120V
140 W
500 V
6 A
Bipolar
S6704
Quasi-Resonant Flyback Converter
110/120 V
100 W
500 V
5 A
Bipolar
S6707
Quasi-Resonant Flyback converter
85-265 V
90 W
850 V
6 A
Bipolar
220/240 V
140 W
S6708
Quasi-Resonant Flyback Converter
85-265 V
120 W
850 V
7.5 A
Bipolar
220/240 V
180 W
S6709Quasi-Resonant Flyback Converter
85-265 V
160 W
850 V
10 A
Bipolar
220/240 V
220 W
8033S
3.3 V Switching Regulator
5.5-28 V
–
–
3 A
Bipolar
8050S
5.0 V Switching Regulator
7.0-40 V
–
–
3 A
Bipolar
8090S
9.0 V Switching Regulator
12-40V
–
–
3 A
Bipolar
8120S
12 V Switching Regulator
15-40 V
–
–
3 A
Bipolar
8150S
15 V Switching Regulator
18-40 V
–
–
3 A
Bipolar
* Complete part number includes additional characters to indicate operating temperature range and/or package style.
† Also includes linear regulator output for 15.7 V at 1.0 A.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com