Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8675ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8675ARMZ
Description  36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8675ARMZ Datasheet HTML 1Page - Analog Devices AD8675ARMZ Datasheet HTML 2Page - Analog Devices AD8675ARMZ Datasheet HTML 3Page - Analog Devices AD8675ARMZ Datasheet HTML 4Page - Analog Devices AD8675ARMZ Datasheet HTML 5Page - Analog Devices AD8675ARMZ Datasheet HTML 6Page - Analog Devices AD8675ARMZ Datasheet HTML 7Page - Analog Devices AD8675ARMZ Datasheet HTML 8Page - Analog Devices AD8675ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
36 V Precision, 2.8 nV/√Hz
Rail-to-Rail Output Op Amp
Data Sheet
AD8675
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Very low voltage noise: 2.8 nV/√Hz
Rail-to-rail output swing
Low input bias current: 2 nA maximum
Very low offset voltage: 75 µV maximum
Low input offset drift: 0.6 µV/°C maximum
Very high gain: 120 dB
Wide bandwidth: 10 MHz typical
±5 V to ±18 V operation
APPLICATIONS
Precision instrumentation
PLL filters
Laser diode control loops
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
PIN CONFIGURATIONS
NULL
1
–IN
2
+IN
3
V–
4
NULL
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8675
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC_N (R-8)
NULL
1
–IN
2
+IN
3
V–
4
NULL
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8675
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM-8)
GENERAL DESCRIPTION
The AD8675 precision operational amplifier has ultralow offset,
drift, and voltage noise combined with very low input bias currents
over the full operating temperature range. The AD8675 is a
precision, wide bandwidth op amp featuring rail-to-rail output
swings and very low noise. Operation is fully specified from
±5 V to ±15 V.
The AD8675 features a rail-to-rail output like that of the OP184,
but with wide bandwidth and even lower voltage noise, combined
with the precision and low power consumption like that of the
industry-standard OP07 amplifier. Unlike other low noise, rail-
to-rail op amps, the AD8675 has very low input bias current
and low input current noise.
With typical offset voltage of only 10 µV, offset drift of 0.2 µV/°C,
and noise of only 0.10 μV p-p (0.1 Hz to 10 Hz), the AD8675 is
perfectly suited for applications where large error sources cannot
be tolerated. For applications with even lower offset tolerances,
the proprietary nulling capability allows a combination of both
device and system offset errors up to 3.5 mV (referred to the
input) to be compensated externally. Unlike previous circuits,
the AD8675 accommodates this adjustment without adversely
affecting the offset drift, CMRR, and PSRR of the amplifier.
Precision instrumentation, PLL, and other precision filter circuits,
position and pressure sensors, medical instrumentation, and
strain gage amplifiers benefit greatly from the very low noise,
low input bias current, and wide bandwidth. Many systems can
take advantage of the low noise, dc precision, and rail-to-rail
output swing provided by the AD8675 to maximize SNR and
dynamic range.
The smaller packages and low power consumption afforded by
the AD8675 allow maximum channel density or minimum
board size for space-critical equipment.
The AD8675 is specified for the extended industrial temperature
range (−40°C to +125°C). The AD8675 amplifier is available in
the tiny 8-lead MSOP, and the popular 8-lead, narrow SOIC,
RoHS compliant packages. MSOP packaged devices are only
available in tape and reel format.
For the dual version of this ultraprecision, rail-to-rail op amp,
see the AD8676 data sheet.
The AD8675 and AD8676 are members of a growing series of
low noise op amps offered by Analog Devices, Inc.
Table 1. Voltage Noise
Package
0.9 nV
1.1 nV
1.8 nV
2.8 nV
3.8 nV
Single
AD797
AD8597
ADA4004-1
AD8675
AD8671
Dual
AD8599
ADA4004-2
AD8676
AD8672
Quad
ADA4004-4
AD8674


Similar Part No. - AD8675ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8675ARMZ-R2 AD-AD8675ARMZ-R2 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675ARMZ-R2 AD-AD8675ARMZ-R2 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675ARMZ-REEL AD-AD8675ARMZ-REEL Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675ARMZ-REEL AD-AD8675ARMZ-REEL Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
More results

Similar Description - AD8675ARMZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
10/06-Revision 0
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com