Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8643ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8643ACPZ-R2
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8643ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8643ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AD8641/AD8642/AD8643
Data Sheet
Rev. F | Page 10 of 15
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 5V
+PSRR
–PSRR
Figure 31. PSRR vs. Frequency
0.01
0.1
1
10
100
1000
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
G = +100
G = +10
G = +1
VSY = ±13V
Figure 32. Output Impedance vs. Frequency
0.01
0.1
1
10
100
1000
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
G = +100
G = +10
G = +1
VSY = 5V
Figure 33. Output Impedance vs. Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
CH1 10.0V
CH2 10.0V
M400
µs
A CH1
1.00V
1
T
0.00000s
2
VIN
VOUT
T
VSY = ±13V
Figure 34. No Phase Reversal
–15
–10
–5
0
5
10
15
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
SETTLING TIME (
µs)
VS = ±13V
GAIN = +5
TS – (0.1%)
TS – (1%)
TS + (0.1%)
TS + (1%)
Figure 35. Output Swing and Error vs. Settling Time
0
10
20
30
40
50
60
70
CAPACITANCE (pF)
1
100
10
1000
OS+
OS–
VS = ±13V
RL = 10kΩ
VIN = 100mV p-p
AV = +1
Figure 36. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com