Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4131 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131 Datasheet(HTML) 3 Page - Texas Instruments

  THS4131 Datasheet HTML 1Page - Texas Instruments THS4131 Datasheet HTML 2Page - Texas Instruments THS4131 Datasheet HTML 3Page - Texas Instruments THS4131 Datasheet HTML 4Page - Texas Instruments THS4131 Datasheet HTML 5Page - Texas Instruments THS4131 Datasheet HTML 6Page - Texas Instruments THS4131 Datasheet HTML 7Page - Texas Instruments THS4131 Datasheet HTML 8Page - Texas Instruments THS4131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = ±5 V, RL = 800 Ω, TA = 25°C (unless otherwise noted)†
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Small signal bandwidth (− 3 dB),
VCC = 5
Gain = 1, Rf = 390 Ω
125
Small signal bandwidth (− 3 dB),
Single ended input, differential output, VI = 63 mVPP
VCC = ± 5
Gain = 1, Rf = 390 Ω
135
BW
Single ended input, differential output, VI = 63 mVPP
VCC = ± 15
Gain = 1, Rf = 390 Ω
150
MHz
BW
Small signal bandwidth (− 3 dB),
VCC = 5
Gain = 2, Rf = 750 Ω
80
MHz
Small signal bandwidth (− 3 dB),
Single ended input, differential output, VI = 63 mVPP
VCC = ± 5
Gain = 2, Rf = 750 Ω
85
Single ended input, differential output, VI = 63 mVPP
VCC = ± 15
Gain = 2, Rf = 750 Ω
90
SR
Slew rate (see Note 2)
Gain = 1
52
V/
µs
ts
Settling time to 0.1%
Step voltage = 2 V, Gain = 1
78
ns
ts
Settling time to 0.01%
Step voltage = 2 V, Gain = 1
213
ns
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.
NOTE 4: Slew rate is measured from an output level range of 25% to 75%.
distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5
f = 250 kHz
−95
Total harmonic distortion,
VCC = 5
f = 1 MHz
−81
Total harmonic distortion,
Differential input, differential output,
VCC = ±5
f = 250 kHz
−96
Differential input, differential output,
Gain = 1, Rf = 390 Ω, RL = 800 Ω, VO = 2 VPP
VCC = ±5
f = 1 MHz
−80
THD
Gain = 1, Rf = 390 Ω, RL = 800 Ω, VO = 2 VPP
VCC = ±15
f = 250 kHz
−97
dBc
THD
VCC = ±15
f = 1 MHz
−80
dBc
VCC = ±5
f = 250 kHz
−91
VO = 4 VPP
VCC = ±5
f = 1 MHz
−75
VO = 4 VPP
VCC = ±15
f = 250 kHz
−91
VCC = ±15
f = 1 MHz
−75
VCC = ± 2.5
97
Spurious free dynamic range (SFDR),
VO = 2 Vpp
VCC = ± 5
98
Spurious free dynamic range (SFDR),
Differential input, differential output,
Gain = 1, R = 390
, R = 800
f = 250 kHz
VO = 2 Vpp
VCC = ± 15
99
dB
Differential input, differential output,
Gain = 1, Rf = 390 Ω, RL = 800 Ω, f = 250 kHz
VO = 4 Vpp
VCC = ± 5
93
dB
f
L
VO = 4 Vpp
VCC = ± 15
95
Third intermodulation distortion
VI(PP) = 4 V,
G = 1,
F1 = 3 MHz,
F2 = 3.5 MHz
−53
dBc
Third order intercept
VI(PP) = 4 V,
G = 1,
F1 = 3 MHz,
F2 = 3.5 MHz
41.5
dB
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com