Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB245 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB245
Description  Pinout Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB245 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB245 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Res. [1]
[24] VCC
Res. [2]
[23] FILTER_VCC
Res. [3]
[22] USB_VCC
SD7 [4]
[21] DM
SD6 [5]
[20] DP
SD5 [6]
[19] GND
SD4 [7]
[18] TXE#
SD3 [8]
[17] WRITE
SD2 [9]
[16] READ#
SD1 [10]
[15] RESET#
SD0 [11]
[14] RXF#
GND [12]
[13] RCCLK
Res.
Reserved, Unconnected. Do not use.
SD(0..7)
Data Bus. Driven when READ# is asserted.
Data inputs when WRITE is asserted.
RCCLK
Output of the onboard RC Timer.
RXF#
Active low output. When asserted, receive
data is available, and can be read from FIFO.
RESET#
Active Low output. Remains low for 140msec
after power-up, then goes high.
READ#
Active Low input. When low, the device drives
the current receive FIFO data onto SD0-SD7.
WRITE
Input that Clocks Data at SD0-SD7 into
transmit FIFO on a High-to-Low transition.
TXE#
Active Low Output. When asserted, signifies
transmit FIFO space is available.
DP
USB Plus Data Signal.
DM
USB Minus Data Signal.
USB_VCC
Input to onboard 5volt power filter.
FILTER_VCC Output of onboard 5volt power filter.
VCC
5 Volt power input.
GND
Ground.
Pinout Information
The USB245 is small, easy to use device with all necessary
timing circuits, and power filtering built in.
Each contains a preprogrammed EEPROM which holds the
device and vendor ID codes.
The 8-bit data bus easily connects to processor data buses.
The two control bus lines (READ# and WRITE) direct data flow
from the device, while two status lines (TXE# and RXF#) give
information about the state of the internal transmit and receive
FIFOs. The status lines can also be used as interrupt sources
for the processor.
The onboard RESET# line is routed externally and can be
used to drive other circuits.
The device can be wired to derive and source power from
the USB bus, or alternatively have power sourced from the
processor interface.
USB ver1.1 compatible device with
a 384 byte transmit FIFO and 128
Byte receive FIFO.
Works with FTDI’s Virtual Com
Port (VCP) and D2XX Drivers for
Microsoft Windows.
Small Size: Surface Mount
Technology allows the device to fit
in standard 24 pin DIP socket.
Preprogrammed 93C46 EEPROM
with unique USB device information.
Easy to use 8-bit microcontroller-
microprocessor interface with FIFO
status lines
USB245
All Trademarks are property of
their respective owners
© 2002 Xylotex
www.xylotex.com


Similar Part No. - USB245

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2412 SMSC-USB2412 Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2412-DZK-TR SMSC-USB2412-DZK-TR Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
More results

Similar Description - USB245

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
echnische Information / technical information
FD800R33KF2C-K EUPEC-FD800R33KF2C-K Datasheet
307Kb / 8P
Technische Information / technical information
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
Technische Information / technical information
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
Technische Information / Technical Information
FF800R12KE3 EUPEC-FF800R12KE3 Datasheet
146Kb / 9P
Technische Information / technical information
logo
Infineon Technologies A...
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
Technische Information / Technical Information
rev.2
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
576Kb / 9P
Technische Information / Technical Information
2013-02-18 revision:3.1
DD400S45KL3_B5 INFINEON-DD400S45KL3_B5 Datasheet
610Kb / 7P
Technische Information / Technical Information
2013-07-29 revision:3.0
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com