Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4131CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131CD
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4131CD Datasheet HTML 8Page - Texas Instruments THS4131CD Datasheet HTML 9Page - Texas Instruments THS4131CD Datasheet HTML 10Page - Texas Instruments THS4131CD Datasheet HTML 11Page - Texas Instruments THS4131CD Datasheet HTML 12Page - Texas Instruments THS4131CD Datasheet HTML 13Page - Texas Instruments THS4131CD Datasheet HTML 14Page - Texas Instruments THS4131CD Datasheet HTML 15Page - Texas Instruments THS4131CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
10
100
1 k
10 k
100 k
f − Frequency − Hz
VOLTAGE NOISE
vs
FREQUENCY
10
1
Figure 25
0
1E−12
2E−12
3E−12
4E−12
5E−12
6E−12
7E−12
1
10
100
1 k
10 k
100 k
f − Frequency − Hz
CURRENT NOISE
vs
FREQUENCY
Figure 26
−600
−400
−200
0
200
400
600
800
1000
−12
−9
−6
−3
0
3
6
9
12
INPUT OFFSET VOLTAGE
vs
COMMON-MODE OUTPUT VOLTAGE
VCC = ± 2.5 V
VCC = ± 5 V
VCC = ± 15 V
VOCM − Common-Mode Output Voltage − V
Rf = 1 k,
RL = 800 Ω,
G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com