Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51399 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 51399
Description  Solid state, high reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

51399 Datasheet(HTML) 2 Page - Amphenol Corporation

  51399 Datasheet HTML 1Page - Amphenol Corporation 51399 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P1602 Specifications
Parameter
Value
Units
Notes
Electrical @ 71.6°F (22°C) unless noted
Excitation
1.00
mA
10 VDC maximum
Input Impedance
5000 ±20%
Ω
Output Impedance
5000 ±20%
Ω
Environmental
Operating Temperature
-40 to 257
°F
(-40°C to 125°C)
Storage Temperature
-67 to 302
°F
(-55°C to 150°C)
(undiced)
Maximum Overpressure
6X
Rated pressure
2X
3
Mechanical
Weight
0.02
Grams
xx lb
Media Compatibility
Clean dry
air, non-
corrosive
gases
Performance
Parameters (1)
Value (6)
Units
Notes
Zero Offset
±8
mV/V
±10
mV/V
2
Full-scale (FS) Output
65 to 115
mV
2
75 to 125
mV
170 to 280
mV
3
Linearity
±0.2
%FSO
4
±0.25
%FSO
3, 4
Pressure Hysteresis
±0.1
%FSO
Temperature
Coefficient of Zero
±30
µV/V/°C
5
Temperature
Coefficient of Resistance
0.3
% /°C
5
Temperature Coefficient
of Sensitivity
-0.2
%/°C
5
Thermal Hysteresis of Zero
±0.1
%FSO
6
Long Term Stability of FSO
0.2
%FSO
7
1. Values measured at 1.0 mA and 71.6°F (22°C) unless noted.
2. 100 Kpa pressure range.
3. 4295 psia (296.12 bar) pressure range.
4. Best fit straight line.
5. Between 32°F and 158°F (0°C and 70°C). Temperature coefficients are typical values.
6. Between 32°F and 158°F (0°C and 70°C).
7. Typical over one year.
Shipping and Handling
Wafers are shipped in protective plastic containers. The wafers are
sawn on sticky tape with rings. All sensor wafers are electrically
probed, visually inspected. All rejects are marked by an ink dot. Each
wafer will be labeled with the lot number, wafer number, device num-
ber, and the number of available sensor die.
Warranty
NovaSensor warrants its products against defects in material and
workmanship for 12 months from the date of shipment. Products
not subjected to misuse will be repaired or replaced. NovaSensor
reserves the right to make changes without further notice to any
products herein. NovaSensor makes no warranty, representation or
guarantee regarding the suitability of its products for any particular
application. NovaSensor does not assume any liability arising out of
the application or use of any product or circuit and specifically dis-
claims, and all liability, without limitation consequential or incidental
damages. The foregoing warranties are exclusive and in lieu of all
other warranties, whether written, oral, implied or statutory. No im-
plied statutory warranty of merchantabilility or fitness for particular
purpose shall apply.
AAS-920-265B-08/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
Die dimensions (w x h x d):
0.04 in x 0.04 in x 0.02 in
(1 mm x 1 mm x 0.6 mm)
P1602 schematic and dimensions
Ordering Information
Minimum Release Quantity:
2 wafers per pressure range or approximately 10,000 sensor die.
Part Number
Description
51393
15 psia (1 bar); ≈100 kPaA
51394
30 psia (2.06 bar); ≈200 kPaA
51395
50 psia (3.44 bar); ≈350 kPaA
51397
100 psia (6.89 bar); ≈700 kPaA
51399
150 psia (10.34 bar); ≈1035 kPaA
51406
300 psia (20.68 bar); ≈2070 kPaA
51407
500 psia (34.47 bar); ≈3450 kPaA
51408
1000 psia (68.94 bar); ≈6895 kPaA
51421
2500 psia (172.36 bar); ≈17,240 kPaA
51409
4295 psia (296.12 bar); ≈30,000 kPaA
Pad dimensions (w x h):
0.005 in x 0.005 in
(0.13 mm x 0.13 mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com