Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM741CJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM741CJ
Description  Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM741CJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM741CJ Datasheet HTML 1Page - National Semiconductor (TI) LM741CJ Datasheet HTML 2Page - National Semiconductor (TI) LM741CJ Datasheet HTML 3Page - National Semiconductor (TI) LM741CJ Datasheet HTML 4Page - National Semiconductor (TI) LM741CJ Datasheet HTML 5Page - National Semiconductor (TI) LM741CJ Datasheet HTML 6Page - National Semiconductor (TI) LM741CJ Datasheet HTML 7Page - National Semiconductor (TI) LM741CJ Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics (Note 4) (Continued)
Note 2: For operation at elevated temperatures, these devices must be derated based on thermal resistance, and Tj max. (listed under “Absolute Maximum Rat-
ings”). Tj = TA +(θjA PD).
Thermal Resistance
Cerdip (J)
DIP (N)
HO8 (H)
SO-8 (M)
θ
jA (Junction to Ambient)
100˚C/W
100˚C/W
170˚C/W
195˚C/W
θ
jC (Junction to Case)
N/A
N/A
25˚C/W
N/A
Note 3: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 4: Unless otherwise specified, these specifications apply for VS = ±15V, −55˚C ≤ TA ≤ +125˚C (LM741/LM741A). For the LM741C/LM741E, these specifica-
tions are limited to 0˚C
≤ TA ≤ +70˚C.
Note 5: Calculated value from: BW (MHz) = 0.35/Rise Time(µs).
Note 6: For military specifications see RETS741X for LM741 and RETS741AX for LM741A.
Note 7: Human body model, 1.5 k
Ω in series with 100 pF.
Connection Diagram
Metal Can Package
DS009341-2
Note 8: LM741H is available per JM38510/10101
Order Number LM741H, LM741H/883 (Note 8),
LM741AH/883 or LM741CH
See NS Package Number H08C
Dual-In-Line or S.O. Package
DS009341-3
Order Number LM741J, LM741J/883,
LM741CM, LM741CN or LM741EN
See NS Package Number J08A, M08A or N08E
Ceramic Dual-In-Line Package
DS009341-5
Note 9: also available per JM38510/10101
Note 10: also available per JM38510/10102
Order Number LM741J-14/883 (Note 9),
LM741AJ-14/883 (Note 10)
See NS Package Number J14A
Ceramic Flatpak
DS009341-6
Order Number LM741W/883
See NS Package Number W10A
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com