Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51421 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 51421
Description  Solid state, high reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

51421 Datasheet(HTML) 1 Page - Amphenol Corporation

  51421 Datasheet HTML 1Page - Amphenol Corporation 51421 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure Sensor Die
P1602
Features
• Solid state, high reliability
• Low-cost , miniature size
• Standard pressure ranges: 0 to 15, 0 to 30, 0 to 50,
• 0 to 100 psia (1, 2.1, 3.4 and 6.9 bar)
• Nonlinearity < 0.2 %FSO
• SenStable, silicon fusion bonded sensor die
Applications
• Consumer: Portable tire gauges, altimeters, and
barometers
• Industrial: Pneumatic controls, leak detection,
manometers, portable pressure gauges, pressure
switches, and controllers
• Automotive: Tire pressure, diagnostics, engine, and
suspension control, MAP sensors
• Medical: Patient monitoring and clinical
instrumentation
Description
The P1602 piezoresistive pressure sensors are offered in a miniature 0.04 in x 0.04 in (1 mm x 1 mm) die. When ex-
cited with 1 mA constant current , the P1602 produces a millivolt output that is proportional to input pressure. The
P1602 is available as an absolute pressure sensor, where the applied pressure is referenced to an internal vacuum
sealed within the die. With NovaSensor’s Senstable® process, the P1602 will provide very low long-term stability
errors and excellent repeatability.
Amphenol
Advanced Sensors


Similar Part No. - 51421

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5142 POMONA-5142 Datasheet
35Kb / 1P
Cable Assembly - SMD Test Tweezer To BNC Male
logo
Hutchinson Paulstra
514200 PAULSTRA-514200 Datasheet
284Kb / 5P
STOPS
514200/60 PAULSTRA-514200/60 Datasheet
284Kb / 5P
STOPS
514200/75 PAULSTRA-514200/75 Datasheet
284Kb / 5P
STOPS
logo
FCI connector
51425 FCI-CONNECTOR-51425 Datasheet
170Kb / 4P
2P 24S 2P RIGHT ANGLE SOLDER HEADER
More results

Similar Description - 51421

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
Solid-State Reliability
logo
Amphenol Corporation
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
Solid state, high reliability
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
Solid state reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
Solid state, high reliability
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com