Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P330 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P330
Description  Extremely small size: 330 x 180 um cross
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P330 Datasheet(HTML) 2 Page - Amphenol Corporation

  P330 Datasheet HTML 1Page - Amphenol Corporation P330 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
External
Sensor Die
LayoutandConfiguration
P330Specifications
Parameter (Note 1,2)
Unit
Value
Comment
Pressure Range
mmHg
450 to 1050
Absolute
pressure
Proof Pressure3
mmHg
2700
Burst Pressure4
mmHg
4500
Excitation
Volts
1 to 6
DC Voltage
Bridge Resistance5
kohm
3.2±1.0
Symmetry6
%
±5
Offset Voltage7
mV/V
4.5
Typical @ 750
mmHg
Sensitivity7
µV/V/mmHg
10
Typical
Pressure Non Linearity7
%
±1
Typical TBNL,
300 mmHg
Range
TC Offset7
µV/V/°C
±40
Maximum
TC Sensitivity7
%/°C
-0.2
Typical
TC Resistance7
%/°C
0.05
Typical
Operating Temperature8
°C
15 to 45
59 to 113°F
Storage Temperature
°C
-25 to 70
-13 to 158°F
Media Compatibility 9, 10
Clean, dry and non-corrosive gases
Shipping and Handling
Wafers are shipped on sticky tape with rings in protective
plastic containers or in gel paks. All wafers are 100%
electrically probed and visually inspected. Rejects are marked
by ink dots.
1. Values measured at 22°C (72°F) unless noted with 3000 ohm
resistors completing the bridge.
2. Pressure sensor performance can be affected by die mounting.
Packagingstressshouldbeminimizedtoachievethespecified
performance.
3. Proof Pressure: The maximum pressure at which the sensor may
be subjected as an uncommon event and for a short duration of
time without permanent damage or performance degradation. If
the Proof Pressure is exceeded, the die performance is no longer
guaranteed.
4. Burst Pressure: The pressure at which permanent damage to the
sensormayoccur.Specificationisforquasi-staticpressureinan
oil medium applied to the diaphragm side of the die.
5. Parameter is measured at the wafer-level 100% at room
temperature, atmospheric pressure and 3V.
6. Symmetry is calculated as 2*(r1 – r2)/(r1 + r2), where r1 and r2 are
two piezoresistors measured separately.
7. Parametersmarked“Typical”areverifiedbytestingsamplesfrom
each wafer. TCR of sensor resistors only. TCR of bridge circuit
will be affected by the resistor values completing the bridge.
8. Die is capable beyond this range with additional validation.
9. Die with protective layers has been successfully used in various
medical and biological applications.
10. If the sensor is to be exposed to radiation, it is recommended to
shield the die from radiation and implement auto-zeroing.
Notes
AAS-920-516B - 08/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
P330 Schematic Diagram: Complete the full bridge by
inserting two 3000 ohm external resistors. Match resistors
closely to minimize offset error. For +IN, both sides of the split
pad must be connected for proper operation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com