Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P162 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P162
Description  NovaSensor 2.5F Medical Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P162 Datasheet(HTML) 2 Page - Amphenol Corporation

  P162 Datasheet HTML 1Page - Amphenol Corporation P162 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P162 Specifications
Performance
Parameters(1)
Value(4)
Units
Notes
Pressure Range
-50 to 300
mmHg
Gage
Operating Temperature
50 to 122
°F
(10°C to
50°C)
Excitation
1 to 8
Volts
AC or DC
Zero Offset
±12.5
mV/V
Sensitivity
12 to 27
mV/V/mmHg
2
Linearity and Pressure
Hysteresis
±2% of reading or
±1 mmHg
whichever is larger
%FSO
3, 4
Temperature Coefficient
of Zero
±40
μV/ V / °C
7
Temperature Coefficient of
Zero Non-Linearity
±1.25
mmHg
7
Temperature Coefficient
of Resistance
0.1
% /°C
Typical
Temperature Coefficient
of Sensitivity
-0.2
%FSO/°C
Typical
Bridge Resistance
800 ± 20%
Ω
Symmetry
±5
%
5
Burst Pressure
4000
mmHg
Gage
Media Compatibility
Clean, dry, and non-corrosive gases
6
1. Values measured at 0.6 mA and 71.6°F (22 °C) unless noted with 800 Ω
resistor between +Out and –IN, and –Out and –IN. Die performance will
vary depending on die attach material. The die attach material should
be chosen to minimize package stress transmitted to the sensor die.
2. Sensitivity at 100 mmHg.
3. Extrapolated error at 300 mmHg by straight line through 0 and 100
mmHg pressure readings
4. Topside pressure.
5. Percent of the bridge resistor with the lowest value. Symmetry is the
difference between the two bridge resistor values.
6. A protective coating must cover the sensor die for use with saline and
other fluids.
7. 15 °C to 40 °C.
Shipping And Handling
Wafers are shipped in protective plastic containers, and
if needed, die can be shipped in gel paks. The wafers
are sawn on sticky tape with plastic rings. All sensor
wafers are electrically probed, visually inspected. All
rejects are marked by an ink dot. Each wafer will be
labeled with the lot number wafer number, device
number and the number of available sensor die.
Ordering Information
Part Number
Description
51564
2.5F, 300 mmHg Gage
Warranty
Amphenol Advanced Sensors warrants its products
against defects in material and workmanship for
12 months from the date of shipment. Products not
subjected to misuse will be repaired or replaced.
NovaSensor reserves the right to make changes
without further notice to any products
herein.
Amphenol Advanced Sensors
makes no warranty,
representation or guarantee regarding the suitability
of its products for any particular application, nor
does Amphenol Advanced Sensors assume any
liability arising out of the application or use of any
product or circuit and specifically disclaims and all
liability without limitation consequential or incidental
damages. The foregoing warranties are exclusive and
in lieu of all other warranties, whether written, oral,
implied or statutory. No implied statutory warranty of
merchantability or fitness for particular purpose shall
apply.
Die dimensions (l x w x h): 1150 μm x 725 μm x 170 μm
P162 schematic diagrams
AAS-920-641B-06/2015
www.amphenol-sensors.com
© 2015 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
+In
-In
3
1
2
+Out
-Out
800 Ohms
800 Ohms
R32
R12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com