Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51243 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 51243
Description  High reliability, solid state silicon pressure sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

51243 Datasheet(HTML) 1 Page - Amphenol Corporation

  51243 Datasheet HTML 1Page - Amphenol Corporation 51243 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P122
High Silicon Pressure
Sensor Die
Features
• High reliability, solid state silicon pressure
sensors
• Available in absolute pressure version
• Standard pressure ranges: 1700, 3500,
17000, 21000, 35000 and 70000 kPaA
• Nonlinearity < 0.25% FSO BFSL
• 2X overpressure limit
Applications
• Process control systems
• Pneumatic controls
• Biomedical instruments
• Hydraulic systems
The P122 piezoresistive pressure sensors are
offered in a miniature 0.10 in x 0.10 in (2.5 mm x
2.5 mm) die. When excited with 1.0 mA, the P122
produces a millivolt output that is proportional
to input pressure. The P122 is available as an
absolute pressure sensor where the media
pressure is referenced to an internal vacuum
sealed in the die. With NovaSensor’s SenStable®
process, the P122 will provide very good long-term
stability and excellent repeatability.
Amphenol
Advanced Sensors


Similar Part No. - 51243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5124 ETC2-5124 Datasheet
462Kb / 1P
THM TEST POINTS
logo
3M Electronics
5124 3M-5124 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
14-Aug-2016
logo
ON Semiconductor
5124 ONSEMI-5124 Datasheet
2Mb / 28P
Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
5124 ONSEMI-5124 Datasheet
2Mb / 26P
Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
logo
Keystone Electronics Co...
5124 KEYSTONE-5124 Datasheet
277Kb / 1P
THRU HOLE MOUNT TEST POINTS - COLOR KEYED
More results

Similar Description - 51243

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D8M OMRON-D8M Datasheet
734Kb / 6P
Solid State Pressure Sensors
logo
Amphenol Corporation
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
Solid state, high reliability
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
Solid state, high reliability
P1302 AMPHENOL-P1302 Datasheet
72Kb / 4P
High reliability, solid state silicon pressure sensors
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
High reliability, solid state silicon pressure sensors
P111 AMPHENOL-P111 Datasheet
48Kb / 2P
Highly reliable, solid state silicon pressure sensors
P112 AMPHENOL-P112 Datasheet
43Kb / 2P
High reliability, solid state silicon pressure sensors
logo
Omron Electronics LLC
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
Solid State Pressure Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com