Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2000C Datasheet(PDF) 7 Page - Amphenol Corporation

Part # L2000C
Description  PROTIMETER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

L2000C Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button L2000C Datasheet HTML 3Page - Amphenol Corporation L2000C Datasheet HTML 4Page - Amphenol Corporation L2000C Datasheet HTML 5Page - Amphenol Corporation L2000C Datasheet HTML 6Page - Amphenol Corporation L2000C Datasheet HTML 7Page - Amphenol Corporation L2000C Datasheet HTML 8Page - Amphenol Corporation L2000C Datasheet HTML 9Page - Amphenol Corporation L2000C Datasheet HTML 10Page - Amphenol Corporation L2000C Datasheet HTML 11Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page 7 of 11
March 2014
Protimeter Speedy
4.
First Aid Measures
Acute poisoning due to handling of calcium carbide is unlikely to occur if usual safety precautions are taken.
Skin:
Remove contaminated clothes immediately. Flush exposed skin abundantly with clean water and
cover with sterile compress (do not use compress for burns).
Eyes:
Flush abundantly with clean water for at least 15 minutes forcing the eye-lids open.
Immediate transport to hospital or eye specialist.
Inhalation:
By poisoning caused by inhalation of phosphine (and arsine) gas from moist calcium carbide:
remove the victim from the source of exposure as quickly as possible. Usual first aid: rest, warmth,
fresh air,.
By unconsciousness: Loosen tight-fitting clothes, place the body in a stable, lateral position.
By breathing difficulties: Give oxygen.
By breathing arrest: Artificial respiration.
By heart arrest: External heart compression.
Immediate transport to hospital preferably under administration of oxygen.
Ingestion:
Not relevant.
5.
Fire-Fighting Measures
Dry calcium carbide is not inflammable. Contact with humidity and water liberates acetylene gas which is highly
inflammable and can form explosive mixtures with air. The gas is lighter than air.
Fire extinction:
Small fires: Dry powder, lime or dry sand.
Large fires: Withdraw from area and let fire burn.
Do not use:
Water or foam.
Protective measures: If staying in atmosphere containing acetylene is unavoidable, be aware of the high risk of explosion
and wear self-containing breathing equipment.
6.
Accidental Release Measures
Be aware of the possibility of acetylene gas formation on contact with humid atmospheres or water.
Shut off ignition sources.
Stay upwind.
Keep people and animals away from the polluted area.
Removal: Collect material in suitable containers which must not be tightly closed. Protect the
spilled material from contact with water and do not allow it to enter water courses.
Water contamination: Calcium Carbide should not be let into the sea, lakes, rivers etc. By the reaction with water alkaline
calcium hydroxide is formed which is harmful to fish and marine organisms. Observe possible national/international
pollution regulations.
Contamination of streets and the environments: Proceed as described previously. Evacuate the polluted area. Material
remaining after collection must not be dumped into the public sewer.
In case of spillage affecting the environment, consult the authorities (pollution agency etc.) according to local regulations
and rules. By serious accidents, inform the authorities concerned.
See also Sections 8, 12 and 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com