Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30-03M-B-2-R Datasheet(PDF) 4 Page - Amphenol Corporation

Part # M30-03M-B-2-R
Description  General Eastern Differential Pressure Transmitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

M30-03M-B-2-R Datasheet(HTML) 4 Page - Amphenol Corporation

  M30-03M-B-2-R Datasheet HTML 1Page - Amphenol Corporation M30-03M-B-2-R Datasheet HTML 2Page - Amphenol Corporation M30-03M-B-2-R Datasheet HTML 3Page - Amphenol Corporation M30-03M-B-2-R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M30 Specifications
Two-wire,4to20mAoutput
Electrical
Supply Voltage
11 to 32 VDC (see diagram below for maximum loop
resistance)
Protected against reversal of polarity. Output limited
to approximately 3.85 mA at low end of span and
approximately 27 mA at upper end of span.
11 to 32 Vdc
1500
1000
500
0
Operating
Region
0
10
20
30
40
Power Supply Voltage
*Loop resistance = wire resistance + receiver resistance
Power Supply
Receiver
0 to 1050 W
Enclosure
Ground
Wire
Wire
Modus M30 Series schematic diagram
Ordering Information
M30
Code Input Pressure (IP)
X
See standard pressure ranges tables on page 4
0
none
Code Knockout Quantity (KQ)
1
One hole
2
Two holes
Code
Knockout Size (KS)
R
1/2 in (12.7 mm) conduit
S
PG 11
T
PG 13
M30 -
___ -
___ -
___ -
___ Typical model number.
*If the measured differential pressure is expected to go from positive to negative, a
transmitter with offset (elevated zero) should be ordered.
Three options are available:
“0”
No offset. At zero differential pressure, the output signal is:
4 mA (4 to 20 mA range)
Pressure excursion
0% to 100% of range, see standard pressure ranges tables on page 4
“A” 1/4 span offset. At zero differential pressure, the output signal is:
• 8mA(4to20mArange)
Pressure excursion
-33% to 100% of range see standard pressure ranges tables on page 4
“B” 1/2 span offset. At zero differential pressure, the output signal is:
• 12mA(4to20mArange)
Pressure excursion
-100% to 100% of range, see standard pressure ranges tables on page 4.
To order: Determine the positive pressure range. From standard pressure
ranges table on page 4, find the corresponding pressure code. Add the required
offset (none, A, or B).
For example, M30 05E A__, is a transmitter with a maximum range of 1 in of H2O at
20 mA and a minimum range of -0.33 in of H2O at 4 mA.
Code
Offset (O)*
A
1/4 offset
B
1/2 offset
AAS-920-293G-03/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com