Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76201DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76201DBVT
Description  LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76201DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS76201DBVT Datasheet HTML 3Page - Texas Instruments TPS76201DBVT Datasheet HTML 4Page - Texas Instruments TPS76201DBVT Datasheet HTML 5Page - Texas Instruments TPS76201DBVT Datasheet HTML 6Page - Texas Instruments TPS76201DBVT Datasheet HTML 7Page - Texas Instruments TPS76201DBVT Datasheet HTML 8Page - Texas Instruments TPS76201DBVT Datasheet HTML 9Page - Texas Instruments TPS76201DBVT Datasheet HTML 10Page - Texas Instruments TPS76201DBVT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TPS76201
LOW OUTPUT ADJUSTABLE
ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
SLVS323A – FEBRUARY 2001 – REVISED MAY 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output voltage programming
The output voltage of the TPS76201 adjustable regulator is programmed using an external resistor divider as
shown in Figure 18. The output voltage is calculated using:
V
O +
V
ref
1
) R1
R2
(1)
Where:
Vref = 0.6663 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 10-
µA divider current. Lower value resistors can be
used but offer no inherent advantage and waste more power. Higher values should be avoided as leakage
currents at FB increase the output voltage error. The recommended design procedure is to choose
R2 = 66.5 k
Ω to set the divider current at 10 µA and then calculate R1 using:
R1
+
V
O
V
ref
* 1
R2
(2)
VO
VI
OUT
FB
R2
GND
EN
IN
≤0.9 V
≥1.7 V
TPS76201
1
µF
OUTPUT
VOLTAGE
(V)
R1
R2
0.7
0.9
1.2
1.5
1.8
2.5
3.3
3.6
4
5
3.36
23.2
53.6
83.5
113
182
246
294
332
432
66.5
66.5
66.5
66.5
66.5
66.5
66.5
66.5
66.5
66.5
OUTPUT VOLTAGE
PROGRAMMING GUIDE
DIVIDER RESISTANCE
(k
Ω)‡
‡ 1% values shown.
3
1
4
2
R1
5
ESR = 0.5
Ω
4.7
µF
Figure 18. TPS76201 Adjustable LDO Regulator Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com