Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7812 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 7812
Description  Series Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

7812 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  7812 Datasheet HTML 1Page - National Semiconductor (TI) 7812 Datasheet HTML 2Page - National Semiconductor (TI) 7812 Datasheet HTML 3Page - National Semiconductor (TI) 7812 Datasheet HTML 4Page - National Semiconductor (TI) 7812 Datasheet HTML 5Page - National Semiconductor (TI) 7812 Datasheet HTML 6Page - National Semiconductor (TI) 7812 Datasheet HTML 7Page - National Semiconductor (TI) 7812 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM78XX
Series Voltage Regulators
General Description
The LM78XX series of three terminal regulators is available
with several fixed output voltages making them useful in a
wide range of applications. One of these is local on card
regulation, eliminating the distribution problems associated
with single point regulation. The voltages available allow
these regulators to be used in logic systems, instrumenta-
tion, HiFi, and other solid state electronic equipment. Al-
though designed primarily as fixed voltage regulators these
devices can be used with external components to obtain ad-
justable voltages and currents.
The LM78XX series is available in an aluminum TO-3 pack-
age which will allow over 1.0A load current if adequate heat
sinking is provided. Current limiting is included to limit the
peak output current to a safe value. Safe area protection for
the output transistor is provided to limit internal power dissi-
pation. If internal power dissipation becomes too high for the
heat sinking provided, the thermal shutdown circuit takes
over preventing the IC from overheating.
Considerable effort was expanded to make the LM78XX se-
ries of regulators easy to use and minimize the number of
external components. It is not necessary to bypass the out-
put, although this does improve transient response. Input by-
passing is needed only if the regulator is located far from the
filter capacitor of the power supply.
For output voltage other than 5V, 12V and 15V the LM117
series provides an output voltage range from 1.2V to 57V.
Features
n
Output current in excess of 1A
n
Internal thermal overload protection
n
No external components required
n
Output transistor safe area protection
n
Internal short circuit current limit
n
Available in the aluminum TO-3 package
Voltage Range
LM7805C
5V
LM7812C
12V
LM7815C
15V
Connection Diagrams
Metal Can Package
TO-3 (K)
Aluminum
DS007746-2
Bottom View
Order Number LM7805CK,
LM7812CK or LM7815CK
See NS Package Number KC02A
Plastic Package
TO-220 (T)
DS007746-3
Top View
Order Number LM7805CT,
LM7812CT or LM7815CT
See NS Package Number T03B
May 2000
© 2000 National Semiconductor Corporation
DS007746
www.national.com


Similar Part No. - 7812

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
7812 MOTOROLA-7812 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
Analog Devices
7812 AD-7812 Datasheet
200Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV.B
logo
KEC(Korea Electronics)
7812 KEC-7812 Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
7812 ETC1-7812 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
7812 ETC2-7812 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
More results

Similar Description - 7812

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
Voltage Regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
Voltage Regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
Voltage Regulators
LM78XX NSC-LM78XX_95 Datasheet
158Kb / 6P
Voltage Regulators
logo
Wing Shing Computer Com...
LM7812K WINGS-LM7812K Datasheet
65Kb / 1P
Voltage Regulators
logo
Comset Semiconductor
LM309K COMSET-LM309K Datasheet
99Kb / 2P
Voltage Regulators
logo
Texas Instruments
LM7805C TI-LM7805C_15 Datasheet
1Mb / 11P
LM78XX Series Voltage Regulators
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
Voltage regulators
logo
ARTSCHIP ELECTRONICS CO...
LM78XX ARTSCHIP-LM78XX Datasheet
1Mb / 8P
Series voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com