| Electronic Components Datasheet Search |
|
ZOPT2201 Datasheet(PDF) 19 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ZOPT2201 Datasheet(HTML) 19 Page - Integrated Device Technology |
|
19 / 44 page ![]() ZOPT2201 Datasheet © 2016 Integrated Device Technology, Inc 19 September 2, 2016 3.6 Light Sensor Sensitivity Configuration 3.6.1 Gain Modes, Resolution, and Measurement Time There are five analog gain modes to adjust the sensitivity of the ZOPT2201 device to the needs of the application. The microcontroller can calculate the ambient light in lux by multiplying the ADC count value of the ALS channel with the appropriate output-scaling coefficient. A similar method can be used for UVI determination via UVBS channel. If ALS/UVBS_Raw Mode is used, temperature and stray light compensation must be carried out in the microcontroller before output scaling coefficients are applied (see Table 3.3 for the ALS/UVBS_Raw Mode description). Selected analog gain settings as well as resolution and measurement time settings are valid for all active ADC converter channels at the same time. The gain, resolution, and measurement time cannot be simultaneously set to different settings for different channels. If different gain or resolution settings are required for different channels, conversions must be performed consecutively with modified settings. Table 3.5 ALS Detection Ranges Gain Mode 1 Gain Mode 3 Effective Output Resolution [Bits] Measurement Time [ms] Minimum Detection [lux] Maximum Detection [lux] Result Resolution [lux/Count] Minimum Detection [lux] Maximum Detection [lux] Result Resolution [lux/Count] 13 3.125 19.2000 157286 19.2000 6.4000 52429 6.4000 16 25 2.4000 157286 2.4000 0.8000 52429 0.8000 17 50 1.2000 157286 1.2000 0.4000 52429 0.4000 18 (default) 100 0.6000 157286 0.6000 0.2000 52429 0.2000 19 200 0.3000 157286 0.3000 0.1000 52429 0.1000 20 400 0.1500 157286 0.1500 0.0500 52429 0.0500 Gain Mode 6 Gain Mode 9 Effective Output Resolution [Bits] Measurement Time [ms] Minimum Detection [lux] Maximum Detection [lux] Result Resolution [lux/Count] Minimum Detection [lux] Maximum Detection [lux] Result Resolution [lux/Count] 13 3.125 3.2000 26214 3.2000 2.1333 17476 2.1333 16 25 0.4000 26214 0.4000 0.2667 17476 0.2667 17 50 0.2000 26214 0.2000 0.1333 17476 0.1333 18 (default) 100 0.1000 26214 0.1000 0.0667 17476 0.0667 19 200 0.0500 26214 0.0500 0.0333 17476 0.0333 20 400 0.0250 26214 0.0250 0.0167 17476 0.0167 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |