Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACM100 Datasheet(PDF) 3 Page - Recom International Power

Part # RACM100
Description  Long 5 Year Warranty
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM100 Datasheet(HTML) 3 Page - Recom International Power

  RACM100 Datasheet HTML 1Page - Recom International Power RACM100 Datasheet HTML 2Page - Recom International Power RACM100 Datasheet HTML 3Page - Recom International Power RACM100 Datasheet HTML 4Page - Recom International Power RACM100 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Relative Humidity
non-condensing
5% to 95% RH
Temperature Coefficient
±0.02% / °C
Operating Temperature Range
with derating
-25°C to +85°C
without derating, 230VAC
enclosed
open frame
-25°C to +60°C
-25°C to +55°C
Operating Altitude
5000m max.
MTBF (+25°C)
according to MIL-HDBK-217F, full load
790.3 x 103 hours
AC/DC Converter
MED-3
REV.: 6/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, 250VAC, full load and after warm-up)
RACM100
Series
Means of Protection
2MOPP
Leakage Current
264VAC
75µA max.
Medical Device Classification
Type BF applied device
Internal Clearance
Creepage
I/P to O/P
I/P to O/P
8mm min.
8mm min.
Isolation Resistance
500VDC
100M
W min.
Insulation Grade
Reinforced Insulation
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
IEC/EN Medical Safety (CB Scheme)
1408016004
IEC/EN-60601-1
ANSI/AAMI Medical Safety
ES60601-1
CAN/CSA Medical Safety
C22.2 No. 60601-1
Risk Managment
1408016005
Medical Report + ISO14971 Risk Assessment
EMC Compliance
Conditions
Standard / Criterion
EMI
Conducted
CISPR 11, EN-55011, Class B
Radiated
CISPR 11, EN-55011, Class A
Conducted and Radiated
FCC18, Class B
ESD
Air ±8kV; Contact ±6kV
EN61000-4-2, Criteria A
Radiated Immunity
20V/m
EN61000-4-3, Criteria A
Fast Transient
±2kV
EN61000-4-4, Criteria A
continued on next page
-25
100
80
85
55
30
60
40
20
0
0
20
40
60
80
100
Ambient Temperature [°C]
230VAC
115VAC
-25
100
80
85
55
50
30
60
40
20
0
0
20
40
60
80
100
Ambient Temperature [°C]
230VAC
115VAC
/OF Version
Enclosed
Derating Graph
(@ Chamber and natural convection 0.1m/s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com