Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC48-15OF Datasheet(PDF) 1 Page - Recom International Power

Part # RAC48-15OF
Description  Connector Set available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC48-15OF Datasheet(HTML) 1 Page - Recom International Power

  RAC48-15OF Datasheet HTML 1Page - Recom International Power RAC48-15OF Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC48/OF
48 Watt
Open Frame
Single Output
● Connector Set available
● Class II Power Supply
● Universal Input Voltage Range
● compact 4“ x 2“ size
● 3kVAC Isolation
● OCP, OVP, SCP
● Standby Power ErP conform (<0.5W)
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Voltage Adj.
Output
Efficiency
Max.
Number
Range
Voltage Current Range
Range *
Power
typ.
Capacitive
(VAC)
(VDC)
(A)
(V)
(W)
%
Load
RAC48-05S/OF
90-264
5
0-8
4.8-5.2
40
79
18800µF
RAC48-12S/OF
90-264
12
0-4
11.4-12.6
48
82
18800µF
RAC48-15S/OF
90-264
15
0-3.2
14.2-16
48
84
12700µF
RAC48-24S/OF
90-264
24
0-2
23-25
48
85
4700µF
* refer to „Package Style and Pinning“
Input Voltage Range
90-264VAC or 127-370VDC
Rated Power
48 Watts max.
Input Frequency Range (for AC Input)
47-63Hz
Operating Frequency
65kHz typ.
Input Current (full load)
115VAC
1.5A max.
230VAC
1A max.
Inrush Current (Cold Start)
115VAC
30A typ.
230VAC
60A typ.
No Load Power Consumption
<0.5W
Start-up Time (at cold first start)
115VAC/230VAC
500ms
Rise Time
Full Load
<30ms
Hold Time
115VAC, Full Load
13ms typ.
230VAC, Full Load
60ms typ.
Leakage Current
240VAC
<0.75mA
Output Voltage Accuracy
24VDC
±1%
(includes Line-, Load-regulation and Set-up Tolerance)
05, 12, 15VDC
±2%
Output Ripple and Noise (20MHz limited)
5VDC
80mVp-p max.
12VDC
120mVp-p max.
15VDC
150mVp-p max.
(measured with 0.1μF & 47μF parallel capacitor)
24VDC
200mVp-p max.
Isolation Voltage
I/P to O/P
3kVAC / 1 minute
I/P to FG
1.5kVAC / 1 minute
O/P to FG
0.5kVAC / 1 minute
Isolation Resistance
500VDC
100 M
Ω
Short Circuit Protection
Hiccup Mode, Automatic Restart
Over Voltage Protection
5VDC
5.75-6.5VDC
12VDC
13.5-15VDC
15VDC
16.9-18.75VDC
Latch Mode, re-power on to recover
24VDC
27-30VDC
Over Load Protection
115-150% rated output power, Hiccup Mode, Automatic Restart
continued on next page
100
60
40
0
80
Ambient Temperature Range (°C)
20
0
50
70
50
-20
20
Description
Specifications (typical at 25°C and 230VAC)
The RAC48/OF series offers compact AC/DC open frame power supplies
with universal AC input (90-264VAC) and fully protected DC outputs which
are trimmable to compensate for voltage drops on the output connections.
The power supplies are CB, UL, and CE certified and ErP conform.
Uses include industry controls, test and measurement systems and energy
efficient products.
CB-Report
UL-60950-1 Certified
EN-60950-1 Certified
EN-55022 Certfied
EN-55024 Certified
E196683
RoHS
2011/65/EU
6/6
Derating-Graph
(Ambient Temperature)
www.recom-power.com
PA-53
REV: 3/2017


Similar Part No. - RAC48-15OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC48-15S/OF RECOM-RAC48-15S/OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RAC48-15S/OF RECOM-RAC48-15S/OF Datasheet
1Mb / 1P
Connector Set for RECOM Power Supply
RAC48-15S/OF RECOM-RAC48-15S/OF Datasheet
102Kb / 2P
48 Watt Open Frame Single Output
More results

Similar Description - RAC48-15OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC60 RECOM-RAC60 Datasheet
102Kb / 2P
Connector Set available
logo
PHOENIX CONTACT
2732473 PHOENIX-2732473 Datasheet
56Kb / 2P
Connector set
2860950 PHOENIX-2860950 Datasheet
90Kb / 2P
Connector set
1689145 PHOENIX-1689145 Datasheet
79Kb / 3P
D-SUB connector set - VS-09-SET-STD
1780235 PHOENIX-1780235 Datasheet
42Kb / 1P
Connector set - MSTB-SET/EMUG 22- 4REL
1780251 PHOENIX-1780251 Datasheet
42Kb / 1P
Connector set - MSTB-SET/EMUG 45- 8REL
1780264 PHOENIX-1780264 Datasheet
42Kb / 1P
Connector set - MSTBP-SET/EMUG 22- 4REL
1780277 PHOENIX-1780277 Datasheet
42Kb / 1P
Connector set - MSTBP-SET/EMUG 45- 4REL
1850411 PHOENIX-1850411 Datasheet
47Kb / 2P
Connector set - MC 1,5 STECKER-SET NZ:X148-CB1
logo
FIBOX Enclosing innovat...
3570670 FIBOX-3570670 Datasheet
48Kb / 1P
Connector set, size 2
31.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com