Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC3A Datasheet(PDF) 1 Page - Recom International Power

Part # REC3A
Description  EMI Class A Without External Components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3A Datasheet(HTML) 1 Page - Recom International Power

  REC3A Datasheet HTML 1Page - Recom International Power REC3A Datasheet HTML 2Page - Recom International Power REC3A Datasheet HTML 3Page - Recom International Power REC3A Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECO-1
REV.: 0/2017
www.recom-power.com
3 Watt
DIP24
Package
DC/DC Converter
Features
Regulated
Converters
• 2:1 Input Range Voltage
• Efficiency Up To 81%
• EMI Class A Without External Components
• Continuous Short Circuit Protection
• No Minimum Load Required
REC3A
UL60950 Pending
IEC/EN62368-1 Pending
EN60950-1 Pending
Description
The REC3A series is cost efficient, general purpose isolated DC/DC converter containing a built in Class
A EMC filter. The converter is designed to run from industry standard 24V or 5V unregulated supplies
and is typically used to provide an isolated, regulated, short circuit protected output. Under Voltage
Lockout is available as an option. These converters are designed for industrial applications, can drive
high capacitive loads and operate over the full -40°C to +85°C temperature range without derating.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage Range
Voltage
Current
typ.(1)
Load(2)
[VDC]
[VDC]
[mA]
[%]
[µF]
REC3A-0505SW/H2(3)
4.5-9
5
600
76
6800
REC3A-2405SW/H2(3)
18-36
5
600
81
6800
3 YEAR
warranty
3
E224736
Model Numbering
Ordering Examples:
REC3A-0505SW/H2: Single Output, 4.5-9Vin (2:1) and 5Vout, 2kVDC Isolation
REC3A-2405SW/H2/X1: Single Output, 18-36Vin (2:1) and 5Vout, 2kVDC Isolation, UVLO Option
Input Voltage
Output Voltage
REC3A-__ __ SW/H2/__
Notes:
Note3: add suffix “/X1” for optional Under Voltage Lockout
without suffix is without Under Voltage Lockout Option
UVLO(3)
Isolation
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi Type
Input Voltage Range
nom. Vin = 5V
nom. Vin = 24V
4.5VDC
18VDC
9VDC
36VDC
Input Surge Voltage
Vin = 5V
Vin = 24V
10VDC
50VDC
Quiescent Current
Vin = 5V
Vin = 24V
35mA
12mA
Start-up Time
10ms
Internal Operating Frequency
120kHz
Minimum Load
0%
Output Ripple and Noise
measured with 20MHz bandwidth and
a 0.47µF ceramic capacitor
50mVp-p
Under Voltage Lockout(3)
Vin = 5V
DC-DC ON
DC-DC OFF
3.0VDC
3.2VDC
Vin = 24V
DC-DC ON
DC-DC OFF
15.6VDC
16.5VDC
continued on next page
Specifications measured at Ta= 25°C, nominal input voltage, full load, otherwise noted
Notes:
Note1: Efficiency is test by nominal input and full load at +25°C ambient.
Note2: Max Cap Load is test by nominal input and full resisitive load.


Similar Part No. - REC3A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-050505DRWI RECOM-REC3-050505DRWI Datasheet
85Kb / 2P
3 Watt DIP24 Isolated Dual Output
REC3-050505DRWI RECOM-REC3-050505DRWI Datasheet
68Kb / 2P
3 Watt DIP24 Isolated Dual Output
REC3-050505DRWI/A RECOM-REC3-050505DRWI/A Datasheet
85Kb / 2P
3 Watt DIP24 Isolated Dual Output
REC3-050505DRWIA RECOM-REC3-050505DRWIA Datasheet
68Kb / 2P
3 Watt DIP24 Isolated Dual Output
REC3-050505DRWIAM RECOM-REC3-050505DRWIAM Datasheet
68Kb / 2P
3 Watt DIP24 Isolated Dual Output
More results

Similar Description - REC3A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
No external components
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
Few external components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
Minimum External Components
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
External components
logo
Recom International Pow...
REC5A RECOM-REC5A Datasheet
280Kb / 4P
EMI Class A Without External Components
REC6A RECOM-REC6A Datasheet
278Kb / 4P
EMI Class A Without External Components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
Few external components
01-Jul-2009
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
No External Components
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com