Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC20-Z Datasheet(PDF) 1 Page - Recom International Power

Part # REC20-Z
Description  External ON/OFF control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-Z Datasheet(HTML) 1 Page - Recom International Power

  REC20-Z Datasheet HTML 1Page - Recom International Power REC20-Z Datasheet HTML 2Page - Recom International Power REC20-Z Datasheet HTML 3Page - Recom International Power REC20-Z Datasheet HTML 4Page - Recom International Power REC20-Z Datasheet HTML 5Page - Recom International Power REC20-Z Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ECO-1
REV.: 2/2017
www.recom-power.com
20 Watt
2“ x 1“
Single and Dual
Output
DC/DC Converter
Features
Regulated
Converters
• 6-Side Shielding
• External ON/OFF control
• 1.6kVDC Isolation
• UL/CSA/EN-60950-1 Certified
• Wide 4:1 Input Voltage Range
• Continuous Short Circuit Protection
• Efficiency up to 91%
• Fixed Switching Frequency
REC20-Z
IEC/EN60950-1 Certified
UL60950 Certified
CSA C22.2 NO. 60950 Certified
EN55022 Certified
Description
The REC20-xxxxS_DZ -series offer single and dual regulated outputs in a 2”x1” package with 1.6kVDC
isolation and are suitable for higher power industrial applications. Remote on/off control is standard.
The higher current outputs have raised output voltages to compensate for track losses as standard. The
converter is fully certified to UL/EN/IEC safety standards.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load
[VDC]
[VDC]
[mA]
[%]
[µF]
REC20-243.4SZ
9-36
3.4
5000
88
13000
REC20-245.1SZ
9-36
5.1
4000
90
9600
REC20-2412SZ
9-36
12
1667
89.5
1650
REC20-2415SZ
9-36
15
1333
90
1050
REC20-2405DZ
9-36
±5
±2000
87
±4800
REC20-2412DZ
9-36
±12
±834
89
±625
REC20-2415DZ
9-36
±15
±667
89
±525
REC20-483.4SZ
18-75
3.4
5000
88
13000
REC20-485.1SZ
18-75
5.1
4000
90
9600
REC20-4812SZ
18-75
12
1667
89.5
1650
REC20-4815SZ
18-75
15
1333
90.5
1050
REC20-4805DZ
18-75
±5
±2000
87
±4800
REC20-4812DZ
18-75
±12
±835
90
±625
REC20-4815DZ
18-75
±15
±667
91
±525
3 YEAR
warranty
3
Model Numbering
Ordering Examples:
REC20-4812SZ, Single Output, 18-75Vin (4:1) and 12Vout
REC20-2412DZ, Dual Output, 9-36Vin (4:1) and ±12Vout
Single or Dual
nom. Input Voltage
Output Voltage
REC20-__ __ _Z
E224736


Similar Part No. - REC20-Z

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-120512TRWB RECOM-REC20-120512TRWB Datasheet
89Kb / 2P
20 Watt 2??x 2??Single, Dual & Triple Output
REC20-120512TRWBH RECOM-REC20-120512TRWBH Datasheet
89Kb / 2P
20 Watt 2??x 2??Single, Dual & Triple Output
REC20-120515TRWB RECOM-REC20-120515TRWB Datasheet
89Kb / 2P
20 Watt 2??x 2??Single, Dual & Triple Output
REC20-120515TRWBH RECOM-REC20-120515TRWBH Datasheet
89Kb / 2P
20 Watt 2??x 2??Single, Dual & Triple Output
REC20-1205DRWB RECOM-REC20-1205DRWB Datasheet
106Kb / 4P
20 Watt 2 inch x 2 inch Single & Dual Output
More results

Similar Description - REC20-Z

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
High Sprred LDO Regulators Output ON-OFF Control
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Torex Semiconductor
XC6901 TOREX-XC6901 Datasheet
510Kb / 28P
200mA Negative Voltage Regulator with ON/OFF Control
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
On/Off control referenced to input side
logo
Recom International Pow...
REC30-Z RECOM-REC30-Z Datasheet
343Kb / 6P
External ON/OFF control
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
Active High ON/OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
High Speed LDO Regulator with ON/OFF Control
logo
Maxim Integrated Produc...
MAX8989EVKIT MAXIM-MAX8989EVKIT Datasheet
812Kb / 6P
Simple Logic On/Off Control
Rev 0; 1/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com