Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC30-Z Datasheet(PDF) 6 Page - Recom International Power

Part # REC30-Z
Description  External ON/OFF control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-Z Datasheet(HTML) 6 Page - Recom International Power

  REC30-Z Datasheet HTML 1Page - Recom International Power REC30-Z Datasheet HTML 2Page - Recom International Power REC30-Z Datasheet HTML 3Page - Recom International Power REC30-Z Datasheet HTML 4Page - Recom International Power REC30-Z Datasheet HTML 5Page - Recom International Power REC30-Z Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
Tube
520.0 x 54.5 x 21.0mm
Packaging Quantity
11pcs
Storage Temperature Range
-55°C to +125°C
REC30-Z
Series
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 2/2017
www.recom-power.com
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Pin Connections
Pin # Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
Remote ON/OFF
5
No Pin
+Vout
6
+Vout
Com
7
-Vout
-Vout
8
Trim
Trim
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.35mm
Pin dimension:
±0.05mm
45.72
2.54
2.54
1
5
6
7
8
2
4
50.8
5.08
Ø1.0
Bottom View
2.54
Ø1.3 +0.15/-0
Top View
Dimension Drawing (mm)
Recommended Footprint Details



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com