Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC32 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # GC32
Description  Heavy ISONEL: for use to 356째F (180째C), excellent abrasion resistance, our standard coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GC32 Datasheet(HTML) 4 Page - Amphenol Corporation

  GC32 Datasheet HTML 1Page - Amphenol Corporation GC32 Datasheet HTML 2Page - Amphenol Corporation GC32 Datasheet HTML 3Page - Amphenol Corporation GC32 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type E Insulations
A polyimide sleeve is epoxied over the weld joints (as
in the Type B insulations) and then multiple conformal
dip coatings are applied (as in the Type C insulations)
for fully immersible assemblies. The same insulating
material options are available.
Insulated Extension Leads
The standard insulated extension lead sub assembly
has 38 gauge 0.004 in (0.10 mm) diameter, nickel alloy
200, bifilar, heavy ISONEL insulation over conductors
and a length of 6.5 (1.98 m) ±1/2 ft (±0.15 m). Other
options, including any specified by the customer, are
available upon special order.
Wire Gauges
#38 GA 0.004 in (0.10 mm), #40GA 0.0031 in (0.079 mm)
Conductors
Nickel alloy 200
Insulation
• HeavyISONEL:foruseto356°F(180°C),excellent
abrasion resistance, our standard coating.
• Polyurethane:foruseto221°F(105°C),easily
stripped, excellent solderability.
• Polyimide:foruseto446°F(230°C),excellentthermal
and dielectric properties, (not recommended for
water and certain other conductive fluids)
Construction
• Bifilar:Parallelconductors,ourstandard
• Single:Individuallyinsulatedlead-wires
• Twisted Pair: 0.1 in (2.54 mm) lay typical
Length
6.5 ft (1.98 m) ±0.5 ft (±0.15 m) is standard, specify
other lengths as desired. All lengths over one foot are
supplied on a plastic bobbin with the wires wrapped so
that the thermistor end is removed last.
Table 1: Standard Sizes of
NTC Type AB6 Thermistor Assemblies
Thermistor Maximum
Maximum Diameter of Assembly
Type
Thermistor
Diameter
in (mm)
A8
B2
B4
C8
D2
E3
E5
E8
BR11
0.012
0.014 0.018 0.014 0.022 0.034 0.020 0.022 0.024
(0.30)
(0.35) (0.45)
(0.35) (0.55) (0.86) (0.50) (0.55) (0.60)
BR14
0.016
0.016 0.021 0.016 0.024 0.036 0.022 0.025 0.027
(0.40)
(0.40) (0.53)
(0.40) (0.60) (0.91) (0.55) (0.63) (0.68)
BR16
0.017
0.017 0.022 0.017 0.025 0.037 0.023 0.026 0.028
(0.43)
(0.43) (0.55)
(0.43) (0.63) (0.93) (0.58) (0.66) (0.71)
BR23
0.025
0.025 0.032 0.025 0.033 0.045 0.031 0.036 0.038
(0.63)
(0.63) (0.81)
(0.63) (0.83) (1.14) (0.78) (0.91) (0.96)
BR32
0.033
0.033 0.040 0.033 0.041 0.053 0.039 0.044 0.046
(0.83)
(0.83) (1.01)
(0.83) (1.04) (1.34) (0.99) (1.11) (1.16)
BR42
0.046
0.046 0.053 0.046 0.054 0.066 0.052 0.057 0.059
(1.16)
(1.16) (1.34)
(1.16) (1.37) (1.67) (1.32) (1.44) (1.49)
BR55
0.060
0.060 0.070 0.060 0.068 0.080 0.066 0.074 0.076
(1.52)
(1.52) (1.77)
(1.52) (1.72) (2.03) (1.67) (1.87) (1.93)
GC 11
0.012
0.014 0.018 0.014 0.022 0.034 0.020 0.022 0.024
(0.30)
(0.35) (0.45)
(0.35) (0.55) (0.86) (0.50) (0.55) (0.50)
GC 14
0.016
0.016 0.021 0.016 0.024 0.036 0.022 0.026 0.027
(0.40)
(0.40) (0.53)
(0.40) (0.60) (0.93) (0.55) (0.63) (0.68)
GC 16
0.017
0.017 0.022 0.017 0.025 0.037 0.023 0.026 0.028
(0.43)
(0.43) (0.55)
(0.43) (0.63) (0.93) (0.58) (0.66) (0.71)
GC 32
0.033
0.033 0.040 0.033 0.041 0.053 0.039 0.044 0.046
(0.83)
(0.83) (1.01)
(0.83) (1.04) (1.34) (0.99) (1.11) (1.16)
AAS-920-254B-04/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
Special Coding (cont.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com