Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6402 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6402 Datasheet HTML 1Page - Torex Semiconductor XC6402 Datasheet HTML 2Page - Torex Semiconductor XC6402 Datasheet HTML 3Page - Torex Semiconductor XC6402 Datasheet HTML 4Page - Torex Semiconductor XC6402 Datasheet HTML 5Page - Torex Semiconductor XC6402 Datasheet HTML 6Page - Torex Semiconductor XC6402 Datasheet HTML 7Page - Torex Semiconductor XC6402 Datasheet HTML 8Page - Torex Semiconductor XC6402 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
XC6402 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ORDERING INFORMATION
XC6402
123456
Denotes Optional Functions :
C : EN Function
M : SOT-25 (SOT-23-5)
P : SOT-89-5
D : USP-6B
Denotes Types :
Denotes Taping Direction:
As in the chart below.
R: Embossed tape, Standard feed
L : Embossed tape, Reverse feed
Detect Voltage Setting Range : 0.8V ~ 5.0V
50mV increments are available
PIN NUMBER :
2 Types
Denotes Packaging Types:
1
FUNCTION
PIN NUMBER
PIN NUMBER
FUNCTION
2
3 4
6
5
Internally set sequential number relating to output
voltage and detect voltage.
VR Setting Output Voltage Range : 0.8V ~ 5.0V
F : Cd Pin
E
F
H
A
B
C
D
M
N
P
K
L
U
V
X
R
S
T
Y
Z
EN FUNCTION
EN LOGIC
Functional
Functional
Functional
Functional
Functional
Functional
VD SENSE PIN
VD OUTPUT LOGIC
PULL UP/DOWN
RESISTANCE
PIN NUMBER
1
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Nonfunctional
Nonfunctional
Nonfunctional
Nonfunctional
Active High
Pull-down Function
Active High
Pull-down Function
Active High
Nonfunctional
Active High
Nonfunctional
VIN
Detect L
Active High
Pull-down Function
VIN
Detect H
VROUT
Detect L
Active High
Pull-down Function
VROUT
Detect H
VIN
Detect L
Active High
Nonfunctional
VIN
Detect H
VROUT
Detect L
Active High
Nonfunctional
VROUT
Detect H
Active Low
Pull-up Function
VIN
Detect L
Active Low
Pull-up Function
VIN
Detect H
Active Low
Pull-up Function
VROUT
Detect L
VIN
Detect L
Active Low
Pull-up Function
VROUT
Detect H
C Series
Active Low
Nonfunctional
VROUT
Detect L
Active Low
Nonfunctional
VIN
Detect H
Active Low
Detect L
Active Low
Nonfunctional
VROUT
Detect H
Detect L
-
-
VIN
Detect H
Detect H
F Series
-
2
-
-
VROUT
-
VROUT
-
-
VIN
Nonfunctional
Semiconductor Ltd.
Data Sheet
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com