Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9713 Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 101Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 102Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 103Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 104Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 105Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 106Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 107Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 108Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
105
COMBINED HEADSET / SINGLE-ENDED EAR SPEAKER
Instead of a BTL ear speaker, a single-ended ear speaker can also be used, as shown below.
Figure 39 Combined Headset / Single-ended Ear Speaker
JACK INSERT DETECTION
The circuit diagram below shows how to detect when a headphone or headset has been plugged into
the headphone socket. It generates an interrupt, instructing the controller to enable HPL and HPR
and disable OUT3.
Figure 40 Jack Insert Detection Circuit
The circuit requires a headphone socket with a switch that closes on insertion. It detects both
headphones and phone headsets. Any GPIO pin can be used, provided that it is configured as an
input.
HOOKSWITCH DETECTION
Alternatively a headphone socket with a switch that opens on insertion can be used. For this mode
of operation the GPIO input must be inverted.
The circuit diagram below shows how to detect when the “hookswitch” of a phone headset is pressed
(pressing the hookswitch is equivalent to lifting the receiver in a stationary telephone).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com