Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9713 Datasheet(PDF) 106 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 106 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 102Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 103Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 104Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 105Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 106Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 107Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 108Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 109Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 110Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
106
Figure 41 Hookswitch Detection Circuit
The circuit uses a GPIO pin as a sense input. The impedance of the microphone and the resistor in
the MICBIAS path must be such that the potential at the GPIO pin is above 0.7
×DBVDD when the
hookswitch is open, and below 0.3
×DBVDD when it is closed.
TYPICAL OUTPUT CONFIGURATIONS
The WM9713L has three outputs capable of driving loads down to 16
Ω (headphone / line drivers) –
HPL, HPR and MONO - and four output capable of driving loads down to 8
Ω (loudspeaker / line
drivers) – SPKL, SPKR, OUT3 and OUT4. The combination of output drivers, mixers and mixer
inverters means that many output configurations can be supported. Below are some examples of
typical output configurations for smartphone applications.
STEREO SPEAKER
Figure 42 shows a typical output configuration for stereo speakers with headphones, ear speaker and
hands-free operation. The table shows suggested mixer outputs to select for each output PGA for a
given operating scenario. (Note the inverted mixer outputs can be achieved using the mixer output
inverters INV1 and INV2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com