Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9213 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9213
Description  Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9213 Datasheet HTML 1Page - Torex Semiconductor XC9213 Datasheet HTML 2Page - Torex Semiconductor XC9213 Datasheet HTML 3Page - Torex Semiconductor XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
May 20, 2003 Ver. 1
! Synchronous, Bootstrap
Nch-Nch Drive
" APPLICATIONS
! Input Voltage Range
: 2.5V ~ 25.0V
# PDAs
! Switching Frequency
: 300kHz (±15%)
# Mobile Phones
! PWM/PFM Manual Switching Control
# Note book computers
! Overcurrent Protection Circuit Built-In
# Portable Audio Systems
! High Efficiency
: 93% (TYP.)
# Various Multi-function Power Supplies
! TSSOP-16 Package
! Ceramic Capacitor Compatible
" GENERAL DESCRIPTION
" FEATURES
Input Voltage Range
: 2.5V ~ 25.0V
Output Voltage Range
: 1.5V ~ 15.0V externally set
Reference voltage : 1.0V (±1.5%)
Oscillation Frequency
: 300kHz (±15%)
Output Current
: More than 5A (VIN=5.0V, VOUT=3.3V)
Control
: PWM/PFM manual-switching control.
Current Limiter, Protection
: Current limit operates at voltage
sense 150mV.
Shutdown time can be adjusted
by CPRO.
High Efficiency
: 93% (TYP., PWM mode @ VIN=5.0V,
VOUT = 3.3V, 1A)
Detect Voltage Function
: Detects 0.9V / Open-drain output
Stand-by Current
: ISTB = 3.0
µA (MAX.)
Load Capacitor
: Low ESR (ceramic, etc.)
capacitor compatible
Package
: TSSOP-16
" TYPICAL APPLICATION CIRCUIT
" TYPICAL PERFORMANCE CHARACTERISTICS
Driver Transistor Built-In
Synchronous Step-Down DC/DC Controller Ics
XC9213 Series
Input Voltage : 25V
VOUT
CIN
CL
CS S
CSS
CE
MO DE
VIN
VSENSE
VL
BST
EXT1
EXT2
PGND
AG ND
CB ST
SD1
CFB
RFB 1
RFB 2
L
CV L
SD2
RS ENS E
N1
N2
VIN
XC9213
FB
Lx
CPRO
CP RO
VDo u t
VDi n
VDo u t
(
)
VDi n
XC9213 series is Nch-Nch drive, synchronous, step-down DC/DC
controller ICs with a built-in bootstrap driver circuit. Output will be
stable no matter which load capacitors, including a low ESR
capacitor, are used.
Resistance (RSENSE) of about 100m
Ω will be required as a current
sense. The phase compensation is also run when a low ESR
capacitor is used. In addition, the circuit is double protected by the
ways of limiting the current while detecting overshoot current and
making output shutdown at any given timing by a protection time
setting capacitor (CPRO).
The output voltage can be set freely within a range of 1.5V~15.0V
with 1.0V (accuracy
±1.5%) of internal reference voltage by using
externally connected resistors (RFB1, 2). Synchronous rectification
PWM control can be switched to non-synchronous 30mV current
limit PFM/PWM automatic switchable control (= voltage between
RSENSE pins) by using the MODE pin.
The series has a built-in voltage detector for monitoring a selected
voltage by external resistors.
During stand-by (CE pin = low) all circuits are shutdown to reduce
current consumption to as low as 3.0
µA or less.
XC9213B103V (FOSC:300kHz,3.0V)
0
20
40
60
80
100
0.01
0.1
1
10
Output Current IOUT (A)
VIN : 5.0V, Tr1,Tr2: IRF7313,
L : 6.1uH (CDRH127-6H1), Cout : 150uF (OS)
PWM
Synchronous Rectification
PWM / PFM
Non Synchronous Rectification
1


Similar Part No. - XC9213

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
1Mb / 34P
Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
XC9213103VRL TOREX-XC9213103VRL Datasheet
1Mb / 34P
Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
XC9213B103VX TOREX-XC9213B103VX Datasheet
1Mb / 33P
Synchronous Bootstrap N-ch & N-ch Driver
XC9213 TOREX-XC9213_1 Datasheet
1Mb / 33P
Synchronous Bootstrap N-ch & N-ch Driver
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
More results

Similar Description - XC9213

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
30V Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com