Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD5.242 Datasheet(PDF) 1 Page - PULS GmbH

Part # CD5.242
Description  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.242 Datasheet(HTML) 1 Page - PULS GmbH

  CD5.242 Datasheet HTML 1Page - PULS GmbH CD5.242 Datasheet HTML 2Page - PULS GmbH CD5.242 Datasheet HTML 3Page - PULS GmbH CD5.242 Datasheet HTML 4Page - PULS GmbH CD5.242 Datasheet HTML 5Page - PULS GmbH CD5.242 Datasheet HTML 6Page - PULS GmbH CD5.242 Datasheet HTML 7Page - PULS GmbH CD5.242 Datasheet HTML 8Page - PULS GmbH CD5.242 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CD5.242
CD-Series
DC/DC Converter 24V, 5A
DC/DC CONVERTER
48V DC-Input
Isolated 24Vdc Output
Efficiency up to 90.3%
Width only 32mm
20% Output Power Reserves
Full Power Between -25°C and +60°C
Soft-start Function Included
Minimal Inrush Current Surge
Reverse Input Polarity Protection
3 Year Warranty
1/22
GENERAL DESCRIPTION
The Dimension CD-Series offer DIN-rail DC/DC converters
in the 92-120W output power range in a very compact
housing. These DC/DC converters are allowed to run
with a battery or similar sources.
The CD5.242 converts a 48V voltage to a 24V voltage.
The CD5.242 includes all the essential basic functions
and has a power reserve of 20% included. This extra
power can be used continuously up to +45°C.
The output is electrically isolated from the input in a
safe way. The input is protected against reversed
voltages and contains a soft start function.
CD5.241
CD5.242
CD5.243
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
5 – 4.3A
ambient <60°C
6 – 5.2A
ambient <45°C
Output power
120W
ambient <60°C
144W
ambient <45°C
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
DC 48V
Input voltage range
36 to 60Vdc
full specified
30.5 to 36Vdc
with derating
Input current
typ. 2.75A
at 48Vdc input
Input inrush current
typ. 0.6A peak
Efficiency
90.3%
at 48Vdc input
Losses
12.9W
at 48Vdc input
Temperature range -25°C to +70°C
operational
Derating
3W/°C
+60 to +70°C
Hold-up time
typ. 5.6ms
at 48Vdc input
Dimensions
32x124x102mm
WxHxD
Weight
425g / 0.94lb
CD5.241-S1
24V->24V,
Spring-clamp-terminals,
Input-low, DC-OK signals
CD-Series
Related products
24V->24V
48V->24V
12V->24V
CD5.241-L1
24V->24V, NEC Class 2,
Spring-clamp-terminals,
CD5.121
24V->12V
SLD2.100
24V->5V
*) extended guaranteed adjustment range down to 23V.
ORDER NUMBERS
DC/DC Converter
CD5.242
Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM11.SIDE
Side mount bracket
YRM2.DIODE Redundancy module
MARKINGS
Ind. Cont. Eq.
UL 508
UL 60950-1
EMC, ATEX
Class I Div 2
IECEx
ATEX
II 3G Ex nA nC II T4 Gc
Marine
Mar. 2016 / Rev. 1.5 DS-CD5.242-EN
All parameters are specified at 24V, 5A, 48Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CD5.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CD5.241 PULS-CD5.241 Datasheet
608Kb / 22P
DC/DC Converter
CD5.241-L1 PULS-CD5.241-L1 Datasheet
546Kb / 21P
DC/DC Converter
CD5.241-S1 PULS-CD5.241-S1 Datasheet
640Kb / 23P
DC/DC Converter
CD5.243 PULS-CD5.243 Datasheet
633Kb / 22P
DC/DC Converter
More results

Similar Description - CD5.242

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com