Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8261M5X Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8261M5X
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8261M5X Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM8261M5X Datasheet HTML 11Page - National Semiconductor (TI) LM8261M5X Datasheet HTML 12Page - National Semiconductor (TI) LM8261M5X Datasheet HTML 13Page - National Semiconductor (TI) LM8261M5X Datasheet HTML 14Page - National Semiconductor (TI) LM8261M5X Datasheet HTML 15Page - National Semiconductor (TI) LM8261M5X Datasheet HTML 16Page - National Semiconductor (TI) LM8261M5X Datasheet HTML 17Page - National Semiconductor (TI) LM8261M5X Datasheet HTML 18Page - National Semiconductor (TI) LM8261M5X Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Application Notes: (Continued)
Op Amp’s compensation capacitor value and available cur-
rent into that capacitor. Beyond 10nF, the Slew Rate is deter-
mined by the Op Amp’s available output current. Note that
because of the lower output sourcing current compared to
the sinking one, the Slew Rate limit under heavy capacitive
loading is determined by the positive transitions. An estimate
of positive and negative slew rates for loads larger than
100nF can be made by dividing the short circuit current value
by the capacitor.
For the LM8261, the available output current increases with
the input overdrive. Referring to
Figure 3 and Figure 4, Out-
put Short Circuit Current vs. Input Overdrive, it can be seen
that both sourcing and sinking short circuit current increase
as input overdrive increases. In a closed loop amplifier con-
figuration, during transient conditions while the fed back out-
put has not quite caught up with the input, there will be an
overdrive imposed on the input allowing more output current
than would normally be available under steady state condi-
tion. Because of this feature, the Op Amp’s output stage qui-
escent current can be kept to a minimum, thereby reducing
power consumption, while enabling the device to deliver
large output current when the need arises (such as during
transients).
Figure 5 shows the output voltage, output current, and the
resulting input overdrive with the device set for A
V = +1 and
the input tied to a 1V
pp step function driving a 47nF capaci-
tor. As can be seen, during the output transition, the input
overdrive reaches 1V peak and is more than enough to
cause the output current to increase to its maximum value
(see
Figure 3 and Figure 4 plots). Note that because of the
larger output sinking current compared to the sourcing one,
the output negative transition is faster than the positive one.
Estimating the output voltage swing:
It is important to keep in mind that the steady state output
current will be less than the current available when there is
an input overdrive present. For steady state conditions, the
Output Voltage vs. Output Current plot (Typical Performance
Characteristics section) can be used to predict the output
swing.
Figure 6 and Figure 7 show this performance along
with several load lines corresponding to loads tied between
the output and ground. In each cases, the intersection of the
device plot at the appropriate temperature with the load line
would be the typical output swing possible for that load. For
example, a 1K
Ω load can accomadate an output swing to
within 250mV of V
− and to 330mV of V+ (Vs = +/−15V) cor-
responding to a typical 29.3V
pp unclipped swing.
DS101084-57
FIGURE 3. Output Short Circuit Sourcing Current vs
Input Overdrive
DS101084-56
FIGURE 4. Output Short Circuit Sinking Current vs
Input Overdrive
DS101084-39
FIGURE 5. Buffer Amplifier scope photo
DS101084-60
FIGURE 6. Output Sourcing Characteristics with Load
Lines
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com