Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10.242 Datasheet(PDF) 21 Page - PULS GmbH

Part # CP10.242
Description  SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CP10.242 Datasheet HTML 17Page - PULS GmbH CP10.242 Datasheet HTML 18Page - PULS GmbH CP10.242 Datasheet HTML 19Page - PULS GmbH CP10.242 Datasheet HTML 20Page - PULS GmbH CP10.242 Datasheet HTML 21Page - PULS GmbH CP10.242 Datasheet HTML 22Page - PULS GmbH CP10.242 Datasheet HTML 23Page - PULS GmbH CP10.242 Datasheet HTML 24Page - PULS GmbH CP10.242 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
CP10.241, CP10.242, CP10.241-S1
CP-Series
24V, 10A, SINGLE PHASE INPUT
22.2. REDUNDANCY MODULE
YR40.242 – 2x 20A Inputs, 1x 40A output
The YR40.242 is equipped with two input channels, which are individually decoupled by
utilizing MOSFET technology. Using MOSFETSs instead of diodes reduces the heat generation
and the voltage drop between input and output. The YR40.242 does not require an
additional auxiliary voltage and is self-powered even in case of a short circuit across the
output.
Due to the low power losses, the unit is very slender and only requires 36mm width on the
DIN-rail.
Fig. 22-1 Typical 1+1 Redundant configuration for 10A
with the YR40.242 MOSFET redundancy module
Failure
Monitor
21/27
I
I
L N PE
+ +
- - -
CP10.241
Power Supply
24-28V
DC-OK
DC-
OK
L N PE
+ +
- - -
CP10.241
Power Supply
24-28V
DC-OK
DC-
OK
YR40.242
Redundancy
Module
Output
Input
1
Input
2
+
-
+
- + -
24V,10A
Load
L
N
PE
Feb. 2016 / Rev. 1.3 DS-CP10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com