Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT5.121 Datasheet(PDF) 5 Page - PULS GmbH

Part # CT5.121
Description  12V, 8A, TWO-PHASE INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT5.121 Datasheet(HTML) 5 Page - PULS GmbH

  CT5.121 Datasheet HTML 1Page - PULS GmbH CT5.121 Datasheet HTML 2Page - PULS GmbH CT5.121 Datasheet HTML 3Page - PULS GmbH CT5.121 Datasheet HTML 4Page - PULS GmbH CT5.121 Datasheet HTML 5Page - PULS GmbH CT5.121 Datasheet HTML 6Page - PULS GmbH CT5.121 Datasheet HTML 7Page - PULS GmbH CT5.121 Datasheet HTML 8Page - PULS GmbH CT5.121 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CT5.121
C-Series
12V, 8A, TWO-PHASE INPUT
4. DC-INPUT
DC input
nom.
DC 600V
DC input range
450-780Vdc
continuous operation
Allowed Voltage Line to Earth
max.
820Vdc
IEC 62103
DC input current
typ.
0.24A / 0.14A
450Vdc / 780Vdc, 12V, 8A
Turn-on voltage
typ.
370Vdc
steady state value
Shut-down voltage
typ.
260Vdc
steady state value
Fig. 4-1 Wiring for DC Input
Instructions for DC use:
+
-
Load
L1
PE
+
-
Power Supply
AC
DC
Battery
L2
FUSE
FUSE
a) Use a battery or similar DC source.
For other sources contact PULS
b) Connect +pole to L1 and –pole to L2.
c) Use appropriate external fuses in the + and – lines which
are suitable for the DC-voltage.
d) Connect the PE terminal to a earth wire or to the machine
ground.
e) DC-operation is not included in the UL approval.
Additional testing might be necessary.
5. INPUT INRUSH CURRENT
An active inrush limitation circuit limits the input inrush current after turn-on of the input voltage and after short
input voltage interruptions.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
AC 400V
AC 480V
Inrush current
max.
10Apeak
10Apeak
-25°C to +70°C
typ.
4Apeak
4Apeak
-25°C to +70°C
Inrush energy
max.
0.5A2s
0.5A2s
-25°C to +70°C
Fig. 5-1 Input inrush current, typical behavior
1 >
2
2 >
3 >
Output Voltage
Input Voltage
Input Current
20ms / DIV
Input:
400Vac
Output:
12V, 8A
Ambient:
25°C
Upper curve:
Input current 2A / DIV
Middle curve:
Input voltage 500V / DIV
Lower curve:
Output voltage 5V / DIV
Time basis:
20ms / DIV
Jan. 2010 / Rev. 1.0 DS-CT5.121-EN
All parameters are specified at 12V, 8A, 400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com