Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML50.111 Datasheet(PDF) 2 Page - PULS GmbH

Part # ML50.111
Description  NEC Class 2 Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.111 Datasheet(HTML) 2 Page - PULS GmbH

  ML50.111 Datasheet HTML 1Page - PULS GmbH ML50.111 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Input voltage
AC100-240V (Wide Range), 47...63 Hz
Admiss. limits: AC 85...264V (DC 85...375V)
Input current
<1.0A (@ AC 100Vin, 50W Pout)
<0.6A (@ 196 V ACin, 50W Pout)
External Fusing
Not required, unit provides internal fuse
(T3AH, not accessible)
Transient immunity
Transient resistance acc. to VDE 0160 / W2
(750V / 1.3ms), over entire load range
Hold-up time
(see diagram below)
>171ms @ AC 230V, 24V / 2.1A
>97ms @ AC 196V, 24V / 2.1A
>17ms @ AC 100V, 24V / 2.1A
Efficiency, Reliability
Efficiency
Losses
typ. 88.5% (AC 230V, 24V / 2.1A)
(see also diagram below)
typ. 6.8W
(AC 230V, 24V / 2.1A)
MTBF (Reliability)
ca. 600.000 h acc. to Siemensnorm SN 29500
(24V/2.1A, AC 230V, Tamb = +40°C)
Prior to shipment, every unit undergoes the following tests in order to
isolate any defective units which might suffer an early failure:
• Run-in / burn-in (Full load, Tamb = +60°C, on/off cycle)
• Functional test (100 %)
Construction, Mechanics, Installation
Robust plastic housing (US Patent No. D442, 923S), fine ventilation grid on
three housing sides to keep out small parts (e.g. screws), IP20
Dimensions and weight
• W x H x D
•Weight
45mm x 75mm x 91mm (+ DIN rail)
Depth incl. connectors: 98mm (+ DIN rail)
240g
Mounting orientation
,
or
(cf. ’Output’)
Ventilation/Cooling
• Free space f. cooling
Normal convection, no fan required
recom’d.: 25mm on sides with ventilation grid
Easy snap-on mounting onto the DIN-rail (TS35/7,5 or TS35/15).
Unit sits safely and firmly on the rail; no tools required even to remove
Connection
by plug connectors, 2 terminals/output;
mating connectors enclosed
Connector size range – input:
• flexible/solid cable
• Wire strip length
0.5 - 2.5mm2 (22-12 AWG)
Ferrules admissible, 7mm recommended
Connector size range – output:
• flexible cable
• solid cable
• Wire strip length
0.3 - 2.5mm2 (28-12 AWG)
0.3 - 4mm2 (28-12 AWG)
Ferrules admissible, 6mm recommended
Design details – for your advantage:
• Standard plugs, meet various connector families (e.g CombiCon)
• Plugs allow measurement access
Diagrams
0
4
8
12
16
20
24
28
32
01
23
4
100-120V ACin
230V ACin
Output current Iout [A]
0
20
40
60
80
100
120
90,0
125,0
160,0
195,0
230,0
Pout=50W, typ.
Pout=50W, min.
Pout=25W, typ.
Pout=25W, min.
Input voltage V ACin [V]
72
74
76
78
80
82
84
86
88
90
0,3
0,6
0,9
1,2
1,5
1,8
2,1
100 V ACin
120 V ACin
230 V ACin
Output current Iout [A]
Output characteristic Vout/Iout
(min.)
Efficiency
Hold-up time with ACin
(@ Vout = 24V, typ.)
(@ Vout = 24V, typ. + min.)
-10
0
10 20
30 40
50
60 70
20
30
50
60
40
10
0
a
b
c
Mounting
85-150 V ACin A-a A-b A-c
150-264 V ACin A-a A-a A-b
100-375 V DCin A-a A-a A-b
85-100 V DCin B-b B-b B-b
B
A
Derating
of output power
Ambient Temperature [°C]
Vout range
Output (incl. Logic)
Output voltage
• preset
DV 24-28V, adj. by front panel potentiometer
24V ±0.5% @ 2.1A
(25V at no load, see ’Parallel operation’)
Voltage regulation
stat. ±2.5% Vout (see ’Parallel operation’)
dyn. ±2% Vout overall
Ripple/Noise
<50mVPP (20MHz bandw., 50Ω measurem.)
Overvoltage prot. (OVP) <40V
Output noise suppressionRadiated EMI values below EN 61000-6-3, even
when using long (>2m), unscreened output cables
Rated continuous
loading
up to 2.1A @ 24V / up to 1.8A @ 28V depending
on built-in orientation, Vin and Tamb (convection
cooling); for details see derating diagram below
Overload behaviour
PULS Overload Design™: No switch-off at over-
load/short-circuit, instead: up to 1.5
⋅ Irated. So you
need no oversizing to start awkward loads.
Protection
Unit is protected against (also permanent) short-
circuit, overload and open-circuit
Derating
see diagram below
Parallel operation
Yes; load sharing by inclined characteristic curve
(
∆V = -1V between Iout = 0A and Iout = Irated)
Power back immunity
35V
Operation indicator
Green LED (DC OK), threshold: Vout = 20V
DC OK output
To feed a 24V relay (Rcoil > 700Ω). Relay operates,
if output voltage exceeds threshold value
Free-wheeling diode for relay is included in the
power supply unit
• Threshold
Vout = 20V ±4%
Environmental Data, EMC, Safety
Ambient temperature range (measured 25mm below unit)
• storage, transport
• operation
-25°C ... +85°C
-10°C ... +70°C (for derating see diagram below)
Humidity
max. 95% (without condensation)
Electromagnetic
emissions (EME)
EN 61000-6-3 (includes EN 61000-6-4)
Class B (EN 55011, EN 55022)
Electromagnetic
immunity (EMI)
EN 61000-6-2 (includes EN 61000-6-1)
Safe low voltage:
Prot. class/degree:
SELV (EN60950, VDE0100/T.410), PELV (EN50178)
Class I (EN60950) / IP20 (EN60529)
The PSU complies with all major safety approvals for EU (EN 60950,
EN 60204-1, EN 50178), USA (UL 60950, E137006, UL508 LISTED, E198865),
Canada (CAN/CSA-C22.2 No 60950 [CUR], CAN/CSA-C22.2 No. 14 [CUL]),
CB Scheme (IEC 60950).
Further design details – for your advantage:
• All terminals are easy to reach as mounted on the front panel.
• Input and output are strictly apart from each other (below/above) and
have different wire access (90°/270° wiring), so cannot be mixed up
Technical Data ML50.111
Product information (ML50e111/040506), Rev.: 6. May 2004.
Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time. They are subject to change without prior notice..
PULS GmbH, Arabellastraße 15, D-81925 München
Tel: +49.(0)89.9278-244, Fax: +49.(0)89.9278-199, E-Mail: sales@puls-power.com
www.puls-power.com
PLUG Co
nnectors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com