Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9250 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X9250
Description  Quad Digitally Controlled Potentiometers (XDCP)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9250 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X9250 Datasheet HTML 9Page - Xicor Inc. X9250 Datasheet HTML 10Page - Xicor Inc. X9250 Datasheet HTML 11Page - Xicor Inc. X9250 Datasheet HTML 12Page - Xicor Inc. X9250 Datasheet HTML 13Page - Xicor Inc. X9250 Datasheet HTML 14Page - Xicor Inc. X9250 Datasheet HTML 15Page - Xicor Inc. X9250 Datasheet HTML 16Page - Xicor Inc. X9250 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
X9250
Characteristics subject to change without notice.
13 of 21
REV 1.1.5 1/31/03
www.xicor.com
HIGH-VOLTAGE WRITE CYCLE TIMING
XDCP TIMING
SYMBOL TABLE
TIMING DIAGRAMS
Input Timing
Symbol
Parameter
Typ.
Max.
Unit
tWR
High-voltage write cycle time (store instructions)
5
10
ms
Symbol
Parameter
Min.
Max.
Unit
tWRPO
Wiper response time after the third (last) power supply is stable
10
µs
tWRL
Wiper response time after instruction issued (all load instructions)
10
µs
tWRID
Wiper response time from an active SCL/SCK edge (increment/decrement instruc-
tion)
40
µs
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
...
CS
SCK
SI
SO
MSB
LSB
High Impedance
tLEAD
tH
tSU
tFI
tCS
tLAG
tCYC
tWL
...
tRI
tWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com