Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM828 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM828
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM828 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM828 Datasheet HTML 1Page - National Semiconductor (TI) LM828 Datasheet HTML 2Page - National Semiconductor (TI) LM828 Datasheet HTML 3Page - National Semiconductor (TI) LM828 Datasheet HTML 4Page - National Semiconductor (TI) LM828 Datasheet HTML 5Page - National Semiconductor (TI) LM828 Datasheet HTML 6Page - National Semiconductor (TI) LM828 Datasheet HTML 7Page - National Semiconductor (TI) LM828 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Information (Continued)
Low ESR Capacitor Manufacturers (Continued)
Manufacturer
Phone
Capacitor Type
Murata
(800)-831-9172
Ceramic chip capacitors
Taiyo Yuden
(800)-348-2496
Ceramic chip capacitors
Tokin
(408)-432-8020
Ceramic chip capacitors
Other Applications
Paralleling Devices
Any number of LM828s can be paralleled to reduce the out-
put resistance. Each device must have its own pumping ca-
pacitor C
1, while only one output capacitor Cout is needed as
shown in Figure 3. The composite output resistance is:
Cascading Devices
Cascading the LM828s is an easy way to produce a greater
negative voltage (e.g. A two-stage cascade circuit is shown
in Figure 4).
If n is the integer representing the number of devices cas-
caded, the unloaded output voltage V
out is (-nVin). The effec-
tive output resistance is equal to the weighted sum of each
individual device:
R
out = nRout_1 + n/2 Rout_2 +...+Rout_n
This can be seen by first assuming that each device is 100
percent efficient. Since the output voltage is different on
each device the output current is as well. Each cascaded de-
vice sees less current at the output than the previous so the
R
OUT voltage drop is lower in each device added. Note that,
the number of n is practically limited since the increasing of
n significantly reduces the efficiency, and increases the out-
put resistance and output voltage ripple.
DS100137-9
FIGURE 3. Lowering Output Resistance by Paralleling Devices
DS100137-10
FIGURE 4. Increasing Output Voltage by Cascading Devices
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com