Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF2020 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SRF2020
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SRF2020 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SRF2020 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SRF2020 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SEMICONDUCT OR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load, derate by 20%.)
°
FEATURES
MECHANICAL DATA
Case: JEDEC ITO-220AC molded plastic body
Terminals: Lead solderable per MIL-STD-750,method 2026
Polarity: As marked
Any
Mounting Position:
Dimensions in inches and (millimeters)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
Dual rectifier construction
High temperature soldering guaranteed:260 C/10 seconds,,
0.25"(6.35mm)from case
Component in accordance to RoHS 2011 65 EU
°
//
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
2.Thermal resistance from junction to case
SRF2020 THRU SRF20200
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 200 Volts
Forward Current - 20Amperes
JF
SRF2060
ITO-220AC
0.177(4.50)
0.208(5.28)
0.029(0.73)
0.111(2.83)
0.1 (3.55)
40
0.610(15.50)
0.136(3.45)
0.187(4.75)
0.272(6.90)
0.551(14.00)
0.029(0.73)
0.138(3.50)
0.192(4.88)
0.019(0.47)
0.101(2.57)
0.128(3.25)
DIA
0.571(14.50)
0.102(2.60)
0.167(4.25)
0.256(6.50)
0.496(12.60)
0.019(0.47)
PIN
0.388(9.85)
1
2
0.130(3.31)
0.110(2.81)
0.410(10.42)
0.056(1.43)
0.043(1.10)
1.161(29.50)
1.083(27.50)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
Maximum repetitive peak reverse voltage
VRRM
Volts
Volts
Volts
Volts
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
R JC
Maximum RMS voltage
Maximum DC blocking voltage
Maximum instantaneous forward voltage
per diode
IF 10A
@=
T
=25 C
C
°
T
=100 C
C
°
Typical thermal resistance (Note 2)
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-65 to+150
-65 to+150
25
.
200
5
-
°C/W
°C
°C
TJ
20
14
20
30
21
30
45
32
45
60
42
60
100
70
150
20.0
200.0
Symbols
Units
SRF
2020
SRF
2030
SRF
2045
SRF
2060
SRF
20100
Maximum average forward rectified current
See Fig 1
.
SRF
20150
SRF
20200
150
105
200
140
200
100
060
.
0.75
0.85
0.95
0.90
T
=125 C
C
°
mA
50
5
-


Similar Part No. - SRF2020

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRF2020 TSC-SRF2020 Datasheet
109Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
SRF2020 TSC-SRF2020 Datasheet
203Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
SRF2020 JINANJINGHENG-SRF2020 Datasheet
73Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF2020 TSC-SRF2020 Datasheet
190Kb / 2P
20.0AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SRF2020 LUGUANG-SRF2020 Datasheet
273Kb / 2P
Isolated 20.0AMP. Schottky Barrier Rectifiers
More results

Similar Description - SRF2020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com