Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC440 Datasheet(PDF) 10 Page - Zetex Semiconductors

Part # ZXSC440
Description  PHOTOFLASH CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC440 Datasheet(HTML) 10 Page - Zetex Semiconductors

Back Button ZXSC440 Datasheet HTML 5Page - Zetex Semiconductors ZXSC440 Datasheet HTML 6Page - Zetex Semiconductors ZXSC440 Datasheet HTML 7Page - Zetex Semiconductors ZXSC440 Datasheet HTML 8Page - Zetex Semiconductors ZXSC440 Datasheet HTML 9Page - Zetex Semiconductors ZXSC440 Datasheet HTML 10Page - Zetex Semiconductors ZXSC440 Datasheet HTML 11Page - Zetex Semiconductors ZXSC440 Datasheet HTML 12Page - Zetex Semiconductors ZXSC440 Datasheet HTML 13Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
REFERENCE DESIGNS
General camera photoflash charger
Specification
VIN =5V
VOUT =
275V
Efficiency =
71%
Charging time =
4 seconds
ZXSC440
SEMICO NDUC TORS
DRAFT ISSUE F - MAY 2004
10
Circuit diagram
Ref
Value
Package
Part number
Manufacturer
Notes
U1
MSOP8
ZXSC440
Zetex
Q1
SOT23
ZXMN6A07F
Zetex
60V N-channel MOSFET
D1
(2)
200V
SOT23
BAS21
Philips
x2 200V fast rectifier diodes
connected in series
Tx1
Pulse
See note
(1)
R1
22m
0805
RL1210
Cyntec
R2
10M /400V
Axial
Generic
Generic
Output voltage across resistor
R3
10k
0805
Generic
Generic
R4
100k
0805
Generic
Generic
C1
100uF/10V
0805
Generic
Murata
C2
10pF/500V
1206
Generic
Generic
Output voltage seen across capacitor
C3
10nF/6V3
1206
Generic
Generic
C4
120uF/330V
Radial
FW Series
Rubycon
Photoflash capacitor
Bill of materials
NOTES:
(1) Transformer specification: Primary inductance: 24uH, Core: Pulse PAO367, Turns ratio: 1:12
(2) Two BAS21 200V rectifier diodes are connected in series and used in place of a 400V rectifier diode to provide faster switching speeds and
higher efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com