Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0332PZ Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 17Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 18Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 19Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 20Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 21Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 22Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 23Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 24Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
5.7
Power Consumption
Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
fHCLK = 80 MHz
VCC digital supply current (operating mode)
135(1)
fVCLK = 80 MHz,
Flash
in
pipelined
mode, VCCmax
ICC
mA
LBIST clock rate =
VCC digital supply current (LBIST mode)
145(2)(3)
45 MHz
PBIST ROM clock
VCC digital supply current (PBIST mode)
135 (2)(3)
frequency = 80 MHz
ICCREFHI
ADREFHI supply current (operating mode)
ADREFHImax
3
mA
ICCAD
VCCAD supply current (operating mode)
VCCADmax
ICCIO
VCCIO digital supply current (operating mode)
No DC load, VCCmax
45(4)
mA
ICCP
VCCP pump supply current
Read mode
Read from one bank
ICCP,
and program or
3.3-V supply current
65(4)
mA
ICCIO,ICCAD
erase another,
VCCPmax
(1)
The maximum ICC, value can be derated
•
linearly with voltage
•
by 0.76 mA/MHz for lower operating frequency when fHCLK= fVCLK
•
for lower junction temperature by the equation below where TJK is the junction temperature in Kelvin and the result is in milliamperes.
60 - 0.001 e0.026 T
JK
(2)
The maximum ICC, value can be derated
•
linearly with voltage
•
for lower junction temperature by the equation below where TJK is the junction temperature in Kelvin and the result is in milliamperes.
60 - 0.001 e0.026 T
JK
(3)
LBIST and PBIST currents are for a short duration, typically less than 10 ms. They are usually ignored for thermal calculations for the
device and the voltage regulator
(4)
Maximum current requirement of the three combined supplies
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
21
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com