Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9470 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9470 Datasheet HTML 2Page - Xicor Inc. X9470 Datasheet HTML 3Page - Xicor Inc. X9470 Datasheet HTML 4Page - Xicor Inc. X9470 Datasheet HTML 5Page - Xicor Inc. X9470 Datasheet HTML 6Page - Xicor Inc. X9470 Datasheet HTML 7Page - Xicor Inc. X9470 Datasheet HTML 8Page - Xicor Inc. X9470 Datasheet HTML 9Page - Xicor Inc. X9470 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6 of 25
REV 11.16 3/20/03
www.xicor.com
Preliminary Information
X9470
D.C. OPERATING CHARACTERISTICS
Recommended Operating Conditions: (Vcc, V+ = 4.75 to 5.25V; Vsense+, Vsense- = 26V; TA = -40°C to +85°C, unless
otherwise noted.)
Notes: (1) VOUT is a high impedance output intended for light loads only.
(2) Gain at VOUT is set to 20 by default.
(3) Value given is for VOUT. The VBIAS output will depend on the VBIAS potentiometer which is initially loaded with a zero value, then
followed by the loading of the final value from E2 memory.
(4) Gain Error excludes the contribution of the input offset voltage error
(5) Total Error includes the contributions of gain error and input offset voltage error.
(6) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage = (Vw(n)(actual) – Vw(n)(expected))
(7) Relative Linearity is a measure of the error in step size between taps = VW(n+1) – [Vw(n) + Ml]
(8) 1 Ml = Minimum Increment = RTOT/63 or RTOT/255.
(9) Typical values are for TA = 25°C and nominal supply voltage, VCC = 5V
(10) This parameter is not 100% tested.
TS
(10)
Settling Time
2
µs
Final value ±1%, RL = 10kΩ,
1nF,
∆VBIAS = 20mV
tSHDN
Time for
SHDN pin (delay) valid
0.1
1.0
µs
PSRR
Power Supply Rejection Ratio
45
55
dB
VCC supply VCC = 4.75 to
5.25V
Input Voltage Range
1.5
VCC – 0.5
V
CL
(10)
Load Capacitance
1
nF
CIN
(10)
Capacitances on Shutdown Pin
10
pF
ROUT
(10)
Output Impedance
3
Ω
at 5MHz, 1nF load
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Typ.
Max.
ICC1
(9)
V+ Active Current
1
3
mA
CS = VCC – 0.3V, and SCL
@ max. tCYC, SDA = VCC –
0.3V, SHDN inactive
ICC2
(9)(10)
VCC Active Current
5
25
mA
ISB
(9)
Standby Supply Current
(VCC, V+)
1.5
mA
CS = VIL, and SCL inactive
(no clock), SDA =VIL, SHDN
active
ILI
CS, SDA, SCL, SHDN RH, RL, RW,
INC/DEC VOUT, Input Leakage
-10
10
µA
VIN = VSS to VCC
VIH
(10)
CS, SDA, SCL, SHDN, A0, A1, A2
HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VIL
(10)
CS, SDA, SCL, SHDN, A0, A1, A2
LOW Voltage
–0.5
VCC x 0.3
V
CIN
(10)
CS, SDA, SCL, SHDN, A0, A1, A2
Capacitance
10
pF
VCC = 5V, VIN = VSS,
TA = 25°C, f = 1MHz
VBIAS OUTPUT VOLTAGE FOLLOWER
Recommended Operating Conditions: (Vcc, V+ = 4.75 to 5.25V; Vsense+, Vsense- = 26V; TA = -40°C to +85°C,
unless otherwise noted.)
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com