Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9521 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 3Page - Xicor Inc. X9521 Datasheet HTML 4Page - Xicor Inc. X9521 Datasheet HTML 5Page - Xicor Inc. X9521 Datasheet HTML 6Page - Xicor Inc. X9521 Datasheet HTML 7Page - Xicor Inc. X9521 Datasheet HTML 8Page - Xicor Inc. X9521 Datasheet HTML 9Page - Xicor Inc. X9521 Datasheet HTML 10Page - Xicor Inc. X9521 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
7 of 26
www.xicor.com
X9521
– Preliminary Information
and NVM. Therefore, the new “wiper position” setting is
recalled into the WCR after Vcc of the X9521 has been
powered down then powered back up
If WT is “0” then a DCP Volatile Write is performed. This
operation changes the DCP “wiper position” by writing
new data to the associated WCR only. The contents of the
associated NVM register remains unchanged. Therefore,
when Vcc to the device is powered down then back up,
the “wiper position” reverts to that last written to the DCP
using a nonvolatile write operation.
DCP Write Operation
A write to DCPx (x=1,2) can be performed using the three
byte command sequence shown in Figure 9.
In order to perform a write operation on a particular DCP,
the Write Enable Latch (WEL) bit of the CONSTAT Regis-
ter must first be set (See “BL1, BL0: Block Lock protection
bits - (Nonvolatile)” on page 12.)
The Slave Address Byte 10101110 specifies that a Write
to a DCP is to be conducted. An ACKNOWLEDGE is
returned by the X9521 after the Slave Address, if it has
been received correctly.
Next, an Instruction Byte is issued on SDA. Bits P1 and
P0 of the Instruction Byte determine which WCR is to be
written, while the WT bit determines if the Write is to be
volatile or nonvolatile. If the Instruction Byte format is
valid, another ACKNOWLEDGE is then returned by the
X9521.
Following the Instruction Byte, a Data Byte is issued to the
X9521 over SDA. The Data Byte contents is latched into
the WCR of the DCP on the first rising edge of the clock
signal, after the LSB of the Data Byte (D0) has been
issued on SDA (See Figure 25).
The Data Byte determines the “wiper position” (which
FET switch of the DCP resistive array is switched ON) of
the DCP. The maximum value for the Data Byte depends
upon which DCP is being addressed (see Table below).
Using a Data Byte larger than the values specified above
results in the “wiper terminal” being set to the highest tap
position. The “wiper position” does NOT roll-over to the
lowest tap position.
For DCP2 (256 Tap), the Data Byte maps one to one to
the “wiper position” of the DCP “wiper terminal”. There-
fore, the Data Byte 00001111 (1510) corresponds to set-
ting the “wiper terminal” to tap position 15. Similarly, the
Data Byte 00011100 (2810) corresponds to setting the
WT
Description
0
Select a Volatile Write operation to be performed
on the DCP pointed to by bits P1 and P0
1
Select a Nonvolatile Write operation to be per-
formed on the DCP pointed to by bits P1 and P0
0
0
WT
0
0
0
P1
P0
WRITE TYPE
DCP SELECT
This bit has no effect when a Read operation is being performed.
I5
I6
I7
I4
I3
I2
I1
I0
Figure 8.
Instruction Byte Format
S
T
A
R
T
10101110
A
C
K
WT
0
0
0
0
0
P1 P0
A
C
K
S
T
O
P
A
C
K
D7
D6
D5
D4
D3
D2
D1
D0
SLAVE ADDRESS BYTE
INSTRUCTION BYTE
DATA BYTE
Figure 9.
DCP Write Command Sequence
P1- P0
DCPx
# Taps
Max. Data Byte
0
0
Reserved
0
1
x=1
100
Refer to Appendix 1
1
0
x=2
256
FFh
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com