Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC95F232Z Datasheet(PDF) 4 Page - Amphenol Corporation

Part # DC95F232Z
Description  Precision, solid state temperature sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DC95F232Z Datasheet(HTML) 4 Page - Amphenol Corporation

  DC95F232Z Datasheet HTML 1Page - Amphenol Corporation DC95F232Z Datasheet HTML 2Page - Amphenol Corporation DC95F232Z Datasheet HTML 3Page - Amphenol Corporation DC95F232Z Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TypeTK95Specifications
Insulated Lead NTC
Interchangeable Thermistor Chip
Epoxy-coated, NTC interchangeable thermistor
chips with PTFE/PFA insulated nickel lead-wires.
RoHS compliant.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of 1000
Ω to
100 k
Ω
• Other tolerances or ranges
• Alternative lead wires or lengths
• Non standard R vs T curves
• Controlled dimensions
• Special sensor assemblies or enclosures
Thermal and Electrical Properties
Dissipation Constant
Still air:
1.5 mW/°C
Stirred oil:
8 mW/°C
Thermal Time Constant
Still air:
10 seconds
Stirred oil:
1 second
Maximum Power at 77°F (25°C)
75 mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F
(100°C)
Ordering Information
Select appropriate part number below for resistance and
temperature tolerance desired.
R25°C
Material
System
32°F to 158°F
(0°C to 70°C)
±0.18°F
(±0.1°C)
32°F to 158°F
(0°C to 70°C)
±0.36°F
(±0.2°C)
2000
F
TK95F202V
TK95F202W
2252
F
TK95F232V
TK95F232W
3000
F
TK95F302V
TK95F302W
5000
F
TK95F502V
TK95F502W
10000
F
TK95F103V
TK95F103W
10000
Y
TK95Y103V
TK95Y103W
30000
H
TK95H303V
TK95H303W
50000
G
TK95G503V
TK95G503W
100000
G
TK95G104V
TK95G104W
Note:
ForRoHScompliantproduct,pleaseaddthesuffix“N”to
the part label. Example: TK95F103VN
NTC Interchangeable Type TK95 dimensions
Ø 0.01 in ±0.001
(0.25 mm ±0.02)
Ø 0.025 in
(0.65 mm)
max
0.27 in
(7 mm)
max
Ø 0.095 in
(2.4 mm)
max
Ø 0.095 in
(2.4 mm)
max
0.195 in ±0.04 (5 mm ±1)
3 in (76 mm)
AAS-920-273F 10/2016
www.amphenol-sensors.com
©2016AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com