Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL103C1R2 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # NDL103C1R2
Description  Thermometrics Epoxy-Coated Chip Thermistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NDL103C1R2 Datasheet(HTML) 1 Page - Amphenol Corporation

  NDL103C1R2 Datasheet HTML 1Page - Amphenol Corporation NDL103C1R2 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Designedforaccuratetemperature
measurement,controlandcompensation
• TighttolerancesonresistanceandBvalue
• Operationupto311°F(155°C)with
excellentstability
• Smallbodysize
• Fastresponse
• Epoxyresinprovidesvoltageinsulation
• Suitableforautomotive,HVACandwhite
goodsapplications
• RoHScompliant
NTCTypeNDL
Thermometrics
Epoxy-CoatedChip
Thermistor
Description
Arangeofepoxy-coatedchipswithbare
0.0098in(0.25mm)tinnedcopperlead-wires.
Amphenol
Advanced Sensors


Similar Part No. - NDL103C1R2

ManufacturerPart #DatasheetDescription
logo
NEC
NDL1202 NEC-NDL1202 Datasheet
510Kb / 2P
OPTICAL FIBER COMMUNICATION SILICON AVALANCHE PHOTO DIODE
logo
C&D Technologies
NDL1205S CANDD-NDL1205S Datasheet
202Kb / 2P
Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL1205SC MURATA-NDL1205SC Datasheet
203Kb / 4P
Isolated 2W Wide Input Single Output DC/DC Converters
logo
Murata Power Solutions ...
NDL1205SC MURATA-PS-NDL1205SC Datasheet
288Kb / 6P
Isolated 2W Wide Input Single Output DC-DC Converters
2023
logo
C&D Technologies
NDL1209S CANDD-NDL1209S Datasheet
202Kb / 2P
Isolated 2W Wide Input Single Output DC-DC Converters
More results

Similar Description - NDL103C1R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0703-624-73-MS ETC2-RL0703-624-73-MS Datasheet
113Kb / 1P
EPOXY COATED THERMISTOR
logo
RCD COMPONENTS INC.
AL05Y-R10-KBW RCD-AL05Y-R10-KBW Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
logo
Abracon Corporation
AIAP-01-102 ABRACON-AIAP-01-102 Datasheet
1Mb / 3P
Epoxy Coated Power Inductor
03.05.13
logo
Vishay Siliconix
NTCLE213E3 VISHAY-NTCLE213E3 Datasheet
84Kb / 3P
NTC Thermistor, Epoxy Coated Mini Sensor
02-Feb-15
logo
Amphenol Corporation
GC11 AMPHENOL-GC11 Datasheet
67Kb / 4P
Thermometrics Glass Encapsulated NTC Chip Thermistor
NDM102C2R1 AMPHENOL-NDM102C2R1 Datasheet
71Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
NDP102C2R1 AMPHENOL-NDP102C2R1 Datasheet
72Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
NK501 AMPHENOL-NK501 Datasheet
76Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
logo
Vishay Siliconix
NTCLE213E3 VISHAY-NTCLE213E3_V01 Datasheet
91Kb / 3P
NTC Thermistor, Epoxy Coated Mini Sensor
16-Oct-2020
logo
TE Connectivity Ltd
44006RC TEC-44006RC Datasheet
97Kb / 3P
44006RC Precision Epoxy NTC Thermistor
Rev A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com