Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G17 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # 74LVC2G17
Description  Dual non-inverting Schmitt-trigger with 5 V tolerant input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74LVC2G17 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button 74LVC2G17 Datasheet HTML 6Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 7Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 8Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 9Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 10Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 11Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 12Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 13Page - Integrated Circuit Systems 74LVC2G17 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2003 Aug 13
10
Philips Semiconductors
Product specification
Dual non-inverting Schmitt-trigger with
5 V tolerant input
74LVC2G17
AC CHARACTERISTICS
GND = 0 V.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay nA to nY see Figs 8 and 9
1.65 to 1.95
1.5
5.6
10.5
ns
2.3 to 2.7
1.0
3.7
6.5
ns
2.7
1.0
3.8
6.5
ns
3.0 to 3.6
1.0
3.6
5.7
ns
4.5 to 5.5
1.0
2.7
4.3
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nA to nY see Figs 8 and 9
1.65 to 1.95
1.5
−
13.1
ns
2.3 to 2.7
1.0
−
8.5
ns
2.7
1.0
−
8.5
ns
3.0 to 3.6
1.0
−
7.1
ns
4.5 to 5.5
1.0
−
5.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com