Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DKA103M2 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # DKA103M2
Description  Thermometrics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DKA103M2 Datasheet(HTML) 3 Page - Amphenol Corporation

  DKA103M2 Datasheet HTML 1Page - Amphenol Corporation DKA103M2 Datasheet HTML 2Page - Amphenol Corporation DKA103M2 Datasheet HTML 3Page - Amphenol Corporation DKA103M2 Datasheet HTML 4Page - Amphenol Corporation DKA103M2 Datasheet HTML 5Page - Amphenol Corporation DKA103M2 Datasheet HTML 6Page - Amphenol Corporation DKA103M2 Datasheet HTML 7Page - Amphenol Corporation DKA103M2 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Type DKM
Specifications
Glass encapsulated SMD thermistor
Description
A range of thermistors in DO-35 style glass
package (diode outline formed for surface
lead-wires and applications) with solder-
coated copper-clad steel lead-wires.
Options
• Other resistance values within the ranges
shown; e.g. code DKA302M2 for 3000
Ω
±2% at 77°F (25°C)
• Reference temperatures in the range 32°F to
302°F (0°C to 150°C)
• For tape and reel, add suffix “AB”
• Operation to 572°F (300°C); no solder
coating on lead-wires
Data
• Operating temperature: -40°F to 482°F (-40°C to 250°C)
• Thermal time constant: 7 seconds (cooling in air)
• Dissipation factor: 3.0 mW/K
• Mass: 0.2 g
• Packing/MOQ: 1000/box (loose)
NTC Type DKM wires should not be bent within 0.08 in (2 mm) of glass body
0.04 in
(1 mm)
minimum
0.2 in (4.2 mm) maximum
0.4 in (9.0 mm)/
0.4 in (9.5 mm )
0.09 in (2.2 mm) maximum
0.04 in (1 mm) minimum
R25
Ω
Material
System
B 25/85 K
Code
R25 ±2%
Code
R25 ±3%
Code
R25 ±5%
Code
R25 ±10%
2000
2
3540 ±1%
DKA202M2
DKA202M3
DKA202M*5 DKA202M10
5000
2
3540 ±1%
DKA502M*2
DKA502M3
DKA502M5
DKA502M10
10,000
2
3540 ±1%
DKA103M2
DKA103M3
DKA103M5
DKA103M10
10,000
5A
3730 ±2%
DKC103M3
DKC103M5
DKC103M10
10,000
3
3960 ±1%
DKF103M2
DKF103M3
DKF103M5
DKF103M10
20,000
3
3960 ±1%
DKF203M2
DKF203M3
DKF203M5
DKF203M10
30,000
3
3960 ±1%
DKF303M2
DKF303M3
DKF303M5
DKF303M10
50,000
3
3960 ±1%
DKF503M2
DKF503M3
DKF503M5
DKF503M10
100,000
3
3960 ±1%
DKF104M2
DKF104M3
DKF104M5
DKF104M10
200,000
G
4263 ±2%
DKG204M5
DKG204M10
500,000
D
4573 ±2%
DKD504M5
DKD504M10
1,000,000
D
4573 ±2%
DKD105M5
DKD105M10
See separate tables for resistance-temperature data..
Consult factory for additional tolerance requirements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com