Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 4 Page - Vishay Siliconix

  591D Datasheet HTML 1Page - Vishay Siliconix 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix 591D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
92
591D
Vishay Sprague
Document Number 40012
Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
TYPICAL CURVES OF ESR - AS A FUNCTION OF FREQUENCY
100
1kHz
10kHz
100kHz
1MHz
10MHz
591D 150 - 10V U CASE ESR/IMPEDANCE VS FREQUENCY
10.00
1.00
0.10
0.01
0.00
IMPEDANCE
ESR
100
1kHz
10kHz
100kHz
1MHz
10MHz
10.00
1.00
0.10
0.01
0.00
FREQUENCY IN HERTZ
591D 330 - 6.3V V CASE ESR/IMPEDANCE VS FREQUENCY
IMPEDANCE
ESR
10.00
1.00
0.10
0.01
FREQUENCY IN HERTZ
591D 470 - 6.3V W CASE ESR/IMPEDANCE VS FREQUENCY
100
1kHz
10kHz
100kHz
1MHz
10MHz
IMPEDANCE
ESR
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
25 WVDC @ + 85
°C, SURGE = 33 V . . . 17 WVDC @ + 125°C, SURGE = 20 V
STANDARD / EXTENDED RATINGS
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER**
Max. DCL
@ + 25
°C
(
µA)
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
Max. RIPPLE
100kHz
Irms
(Amps)
FREQUENCY IN HERTZ
2.2
A
591D225X_025A2T
0.6
6
5.000
0.11
2.2
B
591D225X_025B2T
0.6
6
3.800
0.15
3.3
B
591D335X_025B2T
0.8
6
3.700
0.15
3.3
C
591D335X_025C2T
0.8
6
1.000
0.32
4.7
C
591 D475X_025C2T
1.2
6
0.800
0.37
6.8
C
591D685X_025C2T
1.7
6
0.750
0.38
6.8
D
591D685X_025D2T
1.7
6
0.650
0.48
10
D
591D106X_025D2T
2.5
6
0.600
0.50
10
R
591D106X_025R2T
2.5
6
0.240
0.83
15
R
591D156X_025R2T
3.8
6
0.200
0.91
15*
U*
591D156X_025U2T*
3.8*
6*
0.250*
0.66*
22*
V*
591D226X_025V2T*
5.5*
6*
0.200*
0.84*
33*
V*
591D336X_025V2T*
6.0*
6*
0.200*
0.84*
68
R
591D686X_025R2T20H**
17
8
* Preliminary values contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended ratings are in bold print.
** XYH indicates maximum height in (mm) ie. 2.0mm max. (H) = 20Hmm
1
A
591D105X_035A2T
0.5
4
5.000
0.11
1
B
591D105X_035B2T
0.5
4
4.400
0.13
2.2
B
591D225X_035B2T
0.8
6
4.000
0.14
2.2
C
591D225X_035C2T
0.8
6
2.000
0.22
3.3
B
591D335X_035B2T
1.2
6
3.500
0.15
3.3
C
591D335X_035C2T
1.2
6
1.900
0.23
3.3
D
591D335X_035D2T
1.2
6
1.500
0.32
4.7
R
591 D475X_035R2T
1.6
6
0.750
0.47
6.8
D
591D685X_035D2T
2.4
6
0.950
0.40
6.8
R
591D685X_035R2T
2.4
6
0.750
0.47
10
R
591D106X_035R2T
3.5
6
0.600
0.52



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com