Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC40103PW Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 74HC40103PW
Description  8-bit synchronous binary down counter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74HC40103PW Datasheet(HTML) 2 Page - Integrated Circuit Systems

  74HC40103PW Datasheet HTML 1Page - Integrated Circuit Systems 74HC40103PW Datasheet HTML 2Page - Integrated Circuit Systems 74HC40103PW Datasheet HTML 3Page - Integrated Circuit Systems 74HC40103PW Datasheet HTML 4Page - Integrated Circuit Systems 74HC40103PW Datasheet HTML 5Page - Integrated Circuit Systems 74HC40103PW Datasheet HTML 6Page - Integrated Circuit Systems 74HC40103PW Datasheet HTML 7Page - Integrated Circuit Systems 74HC40103PW Datasheet HTML 8Page - Integrated Circuit Systems 74HC40103PW Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1998 Jul 08
2
Philips Semiconductors
Product specification
8-bit synchronous binary down counter
74HC/HCT40103
FEATURES
• Cascadable
• Synchronous or asynchronous preset
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT40103 are high-speed Si-gate CMOS
devices and are pin compatible with the “40103” of the
“4000B” series. They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT40103 consist each of an 8-bit
synchronous down counter with a single output which is
active when the internal count is zero. The “40103”
contains a single 8-bit binary counter and has control
inputs for enabling or disabling the clock (CP), for clearing
the counter to its maximum count, and for presetting the
counter either synchronously or asynchronously. All
control inputs and the terminal count output (TC) are
active-LOW logic.
In normal operation, the counter is decremented by one
count on each positive-going transition of the clock (CP).
Counting is inhibited when the terminal enable input (TE)
is HIGH. The terminal count output (TC) goes LOW when
the count reaches zero if TE is LOW, and remains LOW for
one full clock period.
When the synchronous preset enable input (PE) is LOW,
data at the jam input (P0 to P7) is clocked into the counter
on the next positive-going clock transition regardless of the
state of TE. When the asynchronous preset enable input
(PL) is LOW, data at the jam input (P0 to P7) is
asynchronously forced into the counter regardless of the
state of PE, TE, or CP. The jam inputs (P0 to P7) represent
a single 8-bit binary word.
When the master reset input (MR) is LOW, the counter is
asynchronously cleared to its maximum count (decimal
255) regardless of the state of any other input. The
precedence relationship between control inputs is
indicated in the function table.
If all control inputs except TE are HIGH at the time of zero
count, the counters will jump to the maximum count, giving
a counting sequence of 256 clock pulses long.
The “40103” may be cascaded using the TE input and the
TC output, in either a synchronous or ripple mode.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay CP to TC
CL = 15 pF; VCC = 5 V
30
30
ns
fmax
maximum clock frequency
32
31
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
24
27
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com