Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM831M Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM831M
Description  LM831 Low Voltage Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM831M Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM831M Datasheet HTML 6Page - National Semiconductor (TI) LM831M Datasheet HTML 7Page - National Semiconductor (TI) LM831M Datasheet HTML 8Page - National Semiconductor (TI) LM831M Datasheet HTML 9Page - National Semiconductor (TI) LM831M Datasheet HTML 10Page - National Semiconductor (TI) LM831M Datasheet HTML 11Page - National Semiconductor (TI) LM831M Datasheet HTML 12Page - National Semiconductor (TI) LM831M Datasheet HTML 13Page - National Semiconductor (TI) LM831M Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
External Components (Refer to External Component Diagram)
Component
Comments
Min
Max
CO
Required to stabilize output stage
033 mF1 mF
Cc
Output coupling capacitors for Dual Mode Sets a low-frequency pole in
100 mF
10000 mF
the frequency response
fL e
1
2qCcRL
CBS
Bootstrap capacitors Sets a low-frequency pole in the power BW
22 mF or
470 mF
Recommended value is
(short Pins
412to9)
CBS e
1
10
2qfLRL
CS
Supply bypass Larger values improve low-battery performance by
47 mF
10000 mF
reducing supply ripple
CBY
Filters the supply for improved low-voltage operation Also sets
47 mF
470 mF
turn-on delay
CNF
Sets a low-frequency response Also affects turn-on delay
10 mF
100 mF
fL e
1
2q
CNF(RAV a 80)
In BTL Mode CNF on Pin 15 can be reduced without affecting the
frequency response However the turn-on ‘‘POP‘‘ will be worsened
CBTL
Used only in the Bridge Mode Connects the output of the first amplifier to
01 mF1 mF
the inverting input of the other through an internal resistor Sets a low-
frequency pole in one-half the frequency response
fL e
1
2q
CBTL16k
CBW
Improves clipping waveform and sets the high-frequency bandwidth
See table below
Works with an internal 16k resistor (This equation applies for RAV i 0
For 46 dB application see BW – CBW curve)
fH e
1
2q
CBW16k
RAV
Used to reduce the gain and improve the distortion and signal to noise If
See table below
this is desired CBW must also be used
Typical AV
RAV
CBW
Min
Max
46 dB
Short
Open
4700 pF
40 dB
82
100 pF
4700 pF
34 dB
240
270 pF
4700 pF
28 dB
560
500 pF
4700 pF
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com