Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0809062000 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 13Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 14Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 15Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 16Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 17Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 18Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 19Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 20Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 164 page
background image
Accessories
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
15
01050503 85
01060603 85
01061003 85
01061503 85
01061903 85
01080806 85
01081306 85
01081806 85
01082505 85
01101008 85
01101608 85
01102008 85
01121208 85
01121209 85
01122208 85
01122209 85
01122212 85
01123608 85
01141409 85
01142009 85
01161609 85
01162609 85
01163609 85
01165609 85
01181810 85
01182810 85
01231011 85
01232011 85
01232018 85
01232811 85
01233311 85
01233318 85
01234011 85
01234023 85
01236011 85
01314011 85
01314014 85
01314018 85
01314023 85
01316011 85
01316018 85
01606020 85
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
TS 353)
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Part Number
TS
DIN rails for
terminals
External brackets
pair set
1)
External
aluminum
hinges, pair
3)
Hinges inside
pair
2)
Corrosion
resistant
Allen lid
screws
2)
Silicon lid seal up
to +266° F
Lead-sealable
steel lid screws
TS 15
Standard Enclosures
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
2.0
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.5
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Mounting plate
thickness
in mm
Blank flange
10006001 85
5) TS 32 on Request
Flange Enclosures
Aluminum Watertight Enclosures With External Mounting Flange
Accessories for Flange Enclosures
11232011 85
11232811 85
11234011 85
11236011 85
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
3) Die Cast Aluminum
2) Stainless Steel
1) Galvanized Steel
01061200 85
01061900 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com